Electronic Components Datasheet Search
  English  ▼

X  

MP5022C Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5022C
Description  12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5022C Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5022C Datasheet HTML 6Page - Monolithic Power Systems MP5022C Datasheet HTML 7Page - Monolithic Power Systems MP5022C Datasheet HTML 8Page - Monolithic Power Systems MP5022C Datasheet HTML 9Page - Monolithic Power Systems MP5022C Datasheet HTML 10Page - Monolithic Power Systems MP5022C Datasheet HTML 11Page - Monolithic Power Systems MP5022C Datasheet HTML 12Page - Monolithic Power Systems MP5022C Datasheet HTML 13Page - Monolithic Power Systems MP5022C Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
MP5022C – 12V, 3
m
Ω RDS
(
ON), HOT-SWAP PROTECTION DEVICE
MP5022C Rev. 1.0
www.MonolithicPower.com
10
5/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
EN
Enable input. EN used in conjunction with LOADEN can turn on or off the main power
device in the MP5022C. EN is pulled high internally.
2
LOADEN
Load enable input. LOADEN used in conjunction with EN can turn on or off the main
power device in the MP5022C (see Table 1). LOADEN is also used to shut down the
power switch after the LOADEN blanking time, but cannot turn it back on by recycling
LOADEN only.
3
ENTM
LOADEN blanking time set. Connect an external capacitor to set the LOADEN blanking
time. Once EN is active, the timer starts and the LOADEN de-assertion is blanked. The
switch shuts down in the presence of a fault or EN low condition, but LOADEN low during
the blanking time has no effect.
4
TIMER
Timer set. An external capacitor sets the hot-plug insertion time delay and fault time-out
period.
5
ISET
Current limit set. Place a resistor from ISET to ground to set the value of the over-
current limit.
6
SS
Soft start. An external capacitor connected to SS sets the soft-start time of the output
voltage. The internal circuit controls the slew rate of the output voltage at start-up. Float
SS to set the soft-start time at its minimum (1ms).
7
GND
Ground.
8
IMON
Output current monitor. IMON provides a voltage proportional to the current flowing
through the power device. Placing a 10k
Ω resistor (R
MON) to ground creates a 0V to 1.5V
voltage when the current is between 0A and 15A. Place a capacitor greater than 10nF in
parallel with RMON during application.
9
FLTB
Fault bar. FLTB is an open-drain output that drives to ground when an over-current or a
thermal shutdown occurs. Pull FLTB up to an external power supply through a 10-100k
Ω
resistor.
10
PG
Power good. PG is an open-drain output. Pull PG up to an external power supply through
a 10-100k
Ω resistor. PG high means power good.
11
OV
Over-voltage enable input. Pull OV high to turn off the internal MOSFET. Connect OV to
an external resistive divider to set the over-voltage disable threshold.
12
AVIN
Internal power supply for VCC sub regulator. Connect a 49.9
Ω, 0603 package resistor
from VIN to AVIN and a 2.2
μF bypass capacitor to GND to guarantee full operation in the
event that VIN collapses during a strong short from VOUT to GND.
13-20
VOUT
Output. VOUT is the voltage controlled by the IC. A Schottky diode should be placed
between VOUT and GND to absorb the negative voltage spike.
21, 22,
Exposed
Pads
VIN
Input power supply for main power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com