Electronic Components Datasheet Search
  English  ▼

X  

MP5022C Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP5022C
Description  12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5022C Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP5022C Datasheet HTML 2Page - Monolithic Power Systems MP5022C Datasheet HTML 3Page - Monolithic Power Systems MP5022C Datasheet HTML 4Page - Monolithic Power Systems MP5022C Datasheet HTML 5Page - Monolithic Power Systems MP5022C Datasheet HTML 6Page - Monolithic Power Systems MP5022C Datasheet HTML 7Page - Monolithic Power Systems MP5022C Datasheet HTML 8Page - Monolithic Power Systems MP5022C Datasheet HTML 9Page - Monolithic Power Systems MP5022C Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MP5022C – 12V, 3
m
Ω RDS
(
ON), HOT-SWAP PROTECTION DEVICE
MP5022C Rev. 1.0
www.MonolithicPower.com
6
5/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, RSET = 10.2k, COUT = 470
μF, TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Enable
Rising threshold
VENRS
1.258
1.325
1.391
V
Hysteresis
VENHYS
170
mV
Over-Voltage (OV)
OV threshold
VOV TH
VOV rising
1.2
1.24
1.28
V
OV threshold hysteresis
VOV HYS
VOV falling
90
mV
Fault Bar (FLTB)/Power Good (PG)
Low-level output voltage
VOL
Sink current 1mA
0.2
V
Fault bar off-state leakage current
IFLT LKG
VFLTB = 3.3V
1
μA
Fault bar propagation delay
tPDE
ISET stepped to 1V to
FLTB pull-down
8
16
μs
Power good rising threshold
(5)
PGVth Hi
90%
VIN
Power good falling threshold
PGVth Lo
75%
80%
VIN
Power good off-state leakage current
IPG LKG
VPG = 3.3V
2.5
μA
PG low-level output voltage
VOL_100
VIN = 0V, pull up to 3.3V
through 100kΩ resistor
600
720
mV
VOL_10
VIN = 0V, pull up to 3.3V
through 10kΩ resistor
720
870
mV
NOTE:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com