Electronic Components Datasheet Search
  English  ▼

X  

MP5022C Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5022C
Description  12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5022C Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5022C Datasheet HTML 1Page - Monolithic Power Systems MP5022C Datasheet HTML 2Page - Monolithic Power Systems MP5022C Datasheet HTML 3Page - Monolithic Power Systems MP5022C Datasheet HTML 4Page - Monolithic Power Systems MP5022C Datasheet HTML 5Page - Monolithic Power Systems MP5022C Datasheet HTML 6Page - Monolithic Power Systems MP5022C Datasheet HTML 7Page - Monolithic Power Systems MP5022C Datasheet HTML 8Page - Monolithic Power Systems MP5022C Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MP5022C
12V, 3m
Ω R
DS(ON), Hot-Swap Protection
Device with Current Monitoring
MP5022C Rev. 1.0
www.MonolithicPower.com
1
5/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The MP5022C is a hot-swap protection device
designed to protect circuitry on its output from
transients on its input. The MP5022C also
protects its input from unwanted shorts and
transients coming from its output.
During start-up, inrush current is limited by the
slew rate at the output. The slew rate is
controlled by an external capacitor at SS.
The maximum load at the output is current-
limited
through
sense
FET
topology.
The
magnitude of the current limit is controlled by a
low-power resistor from ISET to ground.
An internal charge pump drives the gate of the
power device, allowing a power FET with a very
low on resistance of 3
mΩ to turn on.
The MP5022C includes an IMON option that
produces a voltage proportional to the current
through the power device set by a resistor from
IMON to ground.
Full protection features includes current limit,
thermal shutdown, damaged MOSFET detection,
over-voltage protection (OVP), and under-voltage
protection (UVP).
The
MP5022C
is
available
in
a
QFN-22
(3mmx5mm) package.
FEATURES
• 4.8V-to-16V Operating Input Range
• Integrated 3m
Ω Power FET
• Adjustable Current Limit
• Output Current Measurement
• ±3% Current Monitor Accuracy (6A < Io <
15A)
• Fast Response (<200ns) for Short Protection
• PG Detector and FLTB Indication
• PG Assert Low at VIN = 0
• Input-to-Output Short-Circuit Detection
• External Soft Start
• Programmable LOADEN Blanking Time
• Configurable Over-Voltage Lockouts with
Hysteresis
• Under-Voltage Lockout (UVLO)
• Thermal Protection
• Available in a Small QFN-22 (3mmx5mm)
Package
APPLICATIONS
• Hot Swap
• PC Cards
• Disk Drives
• Servers
• Networking
• Laptops
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP5022C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
MP5022AGQV MPS-MP5022AGQV Datasheet
1Mb / 20P
12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
More results

Similar Description - MP5022C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
Hot Swap Controller with I2C Compatible Monitoring
logo
Maxim Integrated Produc...
MAX5950 MAXIM-MAX5950 Datasheet
552Kb / 28P
12V PWM Controller with Hot-Swap
Rev 0; 6/06
logo
Linear Technology
LTC4215-1 LINER-LTC4215-1 Datasheet
311Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4282 LINER-LTC4282 Datasheet
1Mb / 18P
High Current Hot Swap Controller with I2C Compatible Monitoring
logo
Monolithic Power System...
MP5021 MPS-MP5021 Datasheet
966Kb / 19P
12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
MP5021B MPS-MP5021B Datasheet
1Mb / 21P
12 V, 7 mohm RDSon Hot-Swap Protection Device with Current Monitoring
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com