Electronic Components Datasheet Search
  English  ▼

X  

MP5022C Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5022C
Description  12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5022C Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5022C Datasheet HTML 1Page - Monolithic Power Systems MP5022C Datasheet HTML 2Page - Monolithic Power Systems MP5022C Datasheet HTML 3Page - Monolithic Power Systems MP5022C Datasheet HTML 4Page - Monolithic Power Systems MP5022C Datasheet HTML 5Page - Monolithic Power Systems MP5022C Datasheet HTML 6Page - Monolithic Power Systems MP5022C Datasheet HTML 7Page - Monolithic Power Systems MP5022C Datasheet HTML 8Page - Monolithic Power Systems MP5022C Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MP5022C – 12V, 3
m
Ω RDS
(
ON), HOT-SWAP PROTECTION DEVICE
MP5022C Rev. 1.0
www.MonolithicPower.com
5
5/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, RSET = 10.2k, COUT = 470
μF, TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Quiescent current
IQ
EN = high, no load
1.3
2.0
mA
Fault latch off
1.3
mA
EN = 0, VIN = 16V
700
μA
Power FET
On resistance
RDS(ON)
TJ = 25°C
3
4
m
Ω
TJ = 85°C
(5)
3.8
4.8
Off-state leakage current
IOFF
VIN = 24V, EN = 0V
1
μA
Maximum continuous current
(5)
IOUT_MAX
15
A
Thermal Shutdown
Shutdown temperature
(5)
tSTD
145
°C
VIN Under-Voltage Protection (UVLO)
VIN UVLO threshold
VIN UVLO
VIN UVLO rising threshold
4.15V
4.5
V
VIN UVLO hysteresis
VIN UVLOHYS
0.25
V
LOADEN
Low-level input voltage
VL
0.9
V
High-level input voltage
VH
2.3
V
Soft Start (SS)
SS pull-up current
ISS
VSS = 0V
10
12.5
15
μA
Current Limit
Current limit at normal operation
ILimit NO
RSET = 10.2k
11.34
12.6
13.86
A
Current limit response time
(5)
tCL
20
μs
Secondary current limit
(5)
ILimitH
Regardless of RSET
36
A
Short-circuit protection response
time
(5)
tSC
200
ns
Output Current Monitor
Gain of current sense amplifier
AIMON
6A < IOUT < 15A
9.7
10
10.3
μA/A
3A < IOUT < 6A
9.5
10
10.5
μA/A
Max IMON voltage
VIMON
3
V
Timer
Upper threshold voltage
VTMRH
1.2
1.24
1.28
V
Insertion delay charge current
IINSERT
34.5
43
51.5
μA
Fault detection charge current
IFLTD
175
215
255
μA
Discharge RDS(ON)
RFLTE
IOUT < ILimit
35
70
Ω
LOADEN Blanking Time (ENTM)
Upper threshold voltage
VENTMRH
1.2
1.24
1.28
V
Charge current
IENTMCC
0.8
1.1
1.4
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com