Electronic Components Datasheet Search
  English  ▼

X  

MP2735 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2735
Description  Low-Voltage 0.45ohm Dual SPDT Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2735 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2735 Datasheet HTML 1Page - Monolithic Power Systems MP2735 Datasheet HTML 2Page - Monolithic Power Systems MP2735 Datasheet HTML 3Page - Monolithic Power Systems MP2735 Datasheet HTML 4Page - Monolithic Power Systems MP2735 Datasheet HTML 5Page - Monolithic Power Systems MP2735 Datasheet HTML 6Page - Monolithic Power Systems MP2735 Datasheet HTML 7Page - Monolithic Power Systems MP2735 Datasheet HTML 8Page - Monolithic Power Systems MP2735 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP2735/MP2736 — LOW-VOLTAGE 0.45Ω DUAL SPDT ANALOG SWITCHES
MP2735/MP2736 Rev. 1.0
www.MonolithicPower.com
3
1/27/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
V+=3V, ±10%, VIN=0.4 or 1.65V, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Analog Switch
Analog
Signal Range
Vanalog
rDS(on), TA= -40°C to +85°C
0
V+
V
On-
Resistance
rDS(on)
V+=2.7V, INO/NC=100mA, VCOM=0.5V
TA= +25°C
0.28
0.45
Ω
V+=2.7V, INO/NC=100mA, VCOM=1.5V
V+=2.7V, INO/NC=100mA, VCOM=0.5V T
A= -40°C
to +85°C
0.30
V+=2.7V, INO/NC=100mA, VCOM=1.5V
V+=5.5V, INO/NC=100mA, VCOM=0.9V
TA= +25°C
0.20
0.30
V+=5.5V, INO/NC=100mA, VCOM=2.5V
0.18
V+=5.5V, INO/NC=100mA, VCOM=0.9V T
A= -40°C
to +85°C
0.25
V+=5.5V, INO/NC=100mA, VCOM=2.5V
rON Match
∆ron
V+=2.7V, INO/NC=100mA,
VCOM=0.5V/1.5V
TA= +25°C
0.01
0.02
V+=5.5V, INO/NC=100mA,
VCOM=0.9V/2.5V
rON Flatness
rON
Flatness
V+=2.7V, INO/NC=100mA,
VCOM=0.5V/1.5V
0.15
Switch Off
Leakage
Current
INO/NC(off)
V+=5.5V, VNO/NC=0.3V/4.0V,
VCOM=4.0V/0.3V
TA= +25°C
-40
40
nA
TA= -40°C
to +85°C
-100
100
ICOM(off)
TA= +25°C
-40
40
TA= -40°C
to +85°C
-100
100
Channel-On
Leakage
Current
ICOM(on)
V+=5.5V, VNO/NC=VCOM=4.0V/0.3V
TA= +25°C
-40
40
TA= -40°C
to +85°C
-150
150
Digital Control
Input High
Voltage
VINH
TA= -40°C
to +85°C
1.65
V
Input Low
Voltage
VINL
0.4
Input
Capacitance
CIN
6
pF
Input Current
IINL or
IINH
VIN=0 or V+
-1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com