Electronic Components Datasheet Search
  English  ▼

X  

MP2735 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2735
Description  Low-Voltage 0.45ohm Dual SPDT Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2735 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2735 Datasheet HTML 2Page - Monolithic Power Systems MP2735 Datasheet HTML 3Page - Monolithic Power Systems MP2735 Datasheet HTML 4Page - Monolithic Power Systems MP2735 Datasheet HTML 5Page - Monolithic Power Systems MP2735 Datasheet HTML 6Page - Monolithic Power Systems MP2735 Datasheet HTML 7Page - Monolithic Power Systems MP2735 Datasheet HTML 8Page - Monolithic Power Systems MP2735 Datasheet HTML 9Page - Monolithic Power Systems MP2735 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP2735/MP2736 — LOW-VOLTAGE 0.45Ω DUAL SPDT ANALOG SWITCHES
MP2735/MP2736 Rev. 1.0
www.MonolithicPower.com
6
1/27/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
TA = +25°C, unless otherwise noted.
rON vs. VCOM and
Temperature
V+=2.7V, Is=100mA NO
rON vs. VCOM and
Temperature
V+=2.7V, Is=100mA NC
rON vs. VCOM and
Temperature
V+=4.3V, Is=100mA NO
rON vs. VCOM and
Temperature
V+=5.5V, Is=100mA NC
rON vs. VCOM and
Temperature
V+=4.3V, Is=100mA NC
rON vs. VCOM and
Temperature
V+=5.5V, Is=100mA NO
Supply Current vs.
Temperature
V+=3.0V
Leakage Current vs.
Temperature
V+=4.3V,VCOM=4.3V/0.3V, VNC/NO=0.3V/4.3V
VCOM - ANALOG VOLTAGE(V)
VCOM - ANALOG VOLTAGE(V)
VCOM - ANALOG VOLTAGE(V)
VCOM - ANALOG VOLTAGE(V)
VCOM - ANALOG VOLTAGE(V)
VCOM - ANALOG VOLTAGE(V)
VCOM - ANALOG VOLTAGE(V)
rON vs. VCOM and
Supply Voltage
INO/NC=100mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
1.0
2.0
3.0
4.0 5.0 5.5
V+=1.5V
V+=1.8V
V+=2.7V
V+=3.0V
V+=3.6V
V+=4.3V
V+=5.5V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0 .0 0 .5 1 .0 1 .5
2 .0 2 .5 3 .0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
1 .0
2.0
3 .0
4.0 4 .5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0 .0
1 .0
2 .0
3 .0
4 .0 4 .5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0 .0
1 .0
2 .0
3 .0
4 .0
5 .0 5 .5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
1 .0
2.0
3 .0
4.0
5 .0 5.5
1
10
100
1000
10000
100000
-60 -40 -20 0 20 40 60 80 100
1
10
100
1000
10000
100000
-6 0 -40 -2 0
0 20 40 60 80 100
INC(off)
ICOM(off)
ICOM(on)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com