Electronic Components Datasheet Search
  English  ▼

X  

MP2735 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2735
Description  Low-Voltage 0.45ohm Dual SPDT Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2735 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2735 Datasheet HTML 2Page - Monolithic Power Systems MP2735 Datasheet HTML 3Page - Monolithic Power Systems MP2735 Datasheet HTML 4Page - Monolithic Power Systems MP2735 Datasheet HTML 5Page - Monolithic Power Systems MP2735 Datasheet HTML 6Page - Monolithic Power Systems MP2735 Datasheet HTML 7Page - Monolithic Power Systems MP2735 Datasheet HTML 8Page - Monolithic Power Systems MP2735 Datasheet HTML 9Page - Monolithic Power Systems MP2735 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MP2735/MP2736 — LOW-VOLTAGE 0.45Ω DUAL SPDT ANALOG SWITCHES
MP2735/MP2736 Rev. 1.0
www.MonolithicPower.com
7
1/27/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
TA = +25°C, unless otherwise noted.
Switching Time vs.
Supply Voltage
VCOM=1.5V
Logic Threshold vs.
Supply Voltage
Total Harmonic Distortion
vs. Frequency
V+=3V
Switching Time vs.
Temperature
V+=4.3V
0
5
10
15
20
25
-60 -40 -20 0
20 40 60 80 100
TOFF
TON
0
10
20
30
40
50
60
1.65 2.30 2.95 3.60 4.25 4.90 5.55
V+ - SUPPLY VOLTAGE (V)
V+ - SUPPLY VOLTAGE (V)
TON
TOFF
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.65 2.30 2.95 3.60 4.25 4.90 5.55
VINL
VINH
0.01
0.1
1
10
100
1000 10000 100000
FREQUENCY (Hz)
-6
-5
-4
-3
-2
-1
0
1
10-1 100 101 102 103
10-2
10-3
10-4
10-1 100 101 102 103
10-2
10-3
10-4
FREQUENCY (MHz)
10-1 100 101 102 103
10-2
10-3
10-4
FREQUENCY (MHz)
FREQUENCY (MHz)
-70
-80
-90
-100
-60
-50
-40
-30
-20
-10
0
10
-70
-80
-90
-100
-60
-50
-40
-30
-20
-10
0
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com