Electronic Components Datasheet Search
  English  ▼

X  

MP2735 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2735
Description  Low-Voltage 0.45ohm Dual SPDT Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2735 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2735 Datasheet HTML 1Page - Monolithic Power Systems MP2735 Datasheet HTML 2Page - Monolithic Power Systems MP2735 Datasheet HTML 3Page - Monolithic Power Systems MP2735 Datasheet HTML 4Page - Monolithic Power Systems MP2735 Datasheet HTML 5Page - Monolithic Power Systems MP2735 Datasheet HTML 6Page - Monolithic Power Systems MP2735 Datasheet HTML 7Page - Monolithic Power Systems MP2735 Datasheet HTML 8Page - Monolithic Power Systems MP2735 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP2735/MP2736 — LOW-VOLTAGE 0.45Ω DUAL SPDT ANALOG SWITCHES
MP2735/MP2736 Rev. 1.0
www.MonolithicPower.com
4
1/27/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
V+=3V, ±10%, VIN=0.4 or 1.65V, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Dynamic Characteristics
Break-Before-
Make Time
tBBM
V+=3.6V, VNO/VNC=1.5V,
RL=50Ω, CL=35pF
TA= +25°C
10
ns
Turn-On Time
tON
24
36
TA= -40°C
to +85°C
40
Turn-Off Time
tOFF
TA= +25°C
20
30
TA= -40°C
to +85°C
35
Enable Turn-On
Time MP2736
(EN)
tON(EN)
TA= +25°C
24
36
TA= -40°C
to +85°C
40
Enable Turn-Off
Time MP2736
(EN)
tOFF(EN)
TA= +25°C
20
30
TA= -40°C
to +85°C
35
Off-Isolation(4)
OIRR
RL=50Ω, CL=5pF, f=100kHz
TA= +25°C
-70
dB
Crosstalk(4)
XTALK
-70
dB
3dB Bandwidth
RL=50Ω, CL=5pF
50
MHz
NO, NC Off
Capacitance(4)
CNO(off)
VIN=0V, or V+, f=1MHz
55
pF
CNC(off)
55
Channel On
Capacitance(4)
CNO(on)
130
CNC(on)
130
Power Supply
Power Supply
Range
V+
1.65
5.5
V
Power Supply
Current
I+
VIN=0 or V+
TA= -40°C
to +85°C
-1
1
µA
Note:
4)
Guarantee by design, not subjected to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com