Electronic Components Datasheet Search
  English  ▼

X  

MP2735 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2735
Description  Low-Voltage 0.45ohm Dual SPDT Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2735 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2735 Datasheet HTML 1Page - Monolithic Power Systems MP2735 Datasheet HTML 2Page - Monolithic Power Systems MP2735 Datasheet HTML 3Page - Monolithic Power Systems MP2735 Datasheet HTML 4Page - Monolithic Power Systems MP2735 Datasheet HTML 5Page - Monolithic Power Systems MP2735 Datasheet HTML 6Page - Monolithic Power Systems MP2735 Datasheet HTML 7Page - Monolithic Power Systems MP2735 Datasheet HTML 8Page - Monolithic Power Systems MP2735 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP2735/MP2736 — LOW-VOLTAGE 0.45Ω DUAL SPDT ANALOG SWITCHES
MP2735/MP2736 Rev. 1.0
www.MonolithicPower.com
5
1/27/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
( MP2735DQG)
Pin #
( MP2736DQG)
Pin #
Name
Description
1
1
V+
Supply Voltage
2
2
NO1
Normally open I/O port of switch1
3
3
COM1
Commom I/O port for NC and NO channels of switch1
4
4
IN1
Channel select signal for switch1. IN1 high, NO1 channel is
selected. Otherwise, NC1 channel is selected in default. For
MP2736, IN1 controls both switch1 and switch2
5
5
NC1
Normally closed I/O port of switch1
6
6
GND
Ground
7
7
NC2
Normally closed I/O port of switch2
8
IN2
Channel select signal for switch2. IN2 high, NO2 channel is
selected. Otherwise, NC2 channel is selected in default
8
EN
Enable for two channels, active low
9
9
COM2
Commom I/O port for NC and NO channels of switch2
10
10
NO2
Normally open I/O port of switch2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com