Electronic Components Datasheet Search
  English  ▼

X  

MP62550 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP62550
Description  Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62550 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP62550 Datasheet HTML 1Page - Monolithic Power Systems MP62550 Datasheet HTML 2Page - Monolithic Power Systems MP62550 Datasheet HTML 3Page - Monolithic Power Systems MP62550 Datasheet HTML 4Page - Monolithic Power Systems MP62550 Datasheet HTML 5Page - Monolithic Power Systems MP62550 Datasheet HTML 6Page - Monolithic Power Systems MP62550 Datasheet HTML 7Page - Monolithic Power Systems MP62550 Datasheet HTML 8Page - Monolithic Power Systems MP62550 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP62550/MP62551 –60mA-1.7A PROGRAMMABLE CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62550/MP62551 Rev. 1.21
www.MonolithicPower.com
2
6/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Enable
Switch
Maximum
Continuous Load
Current
Package
Top Marking
Free Air
Temperature (TA)
MP62550DGT Active Low
TQFN6 (2x2mm)
5Y
MP62551DGT Active High
Single
1.5A
TQFN6 (2x2mm)
AJ
-40
°C to +85°C
MP62550DJ
Active Low
TSOT23-6
5Y
MP62551DJ
Active High
Single
1.5A
TSOT23-6
AAN
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP62551DGT–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP62551DGT–LF–Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS (1)
IN to GND ....................................-0.3V to +6.5V
ILIM, EN, FLAG
________
, OUT to GND .....-0.3V to +6.5V
RILIM Range (1%)......................12.4kΩ to 210kΩ
Continuous Power Dissipation (TA = +25°C)
(2)
TQFN(2x2)-6............................................ 1.56W
TSOT23-6 ................................................ 0.57W
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Maximum Junction Temp. (TJ) .............. +125°C
Thermal Resistance
(3)
θJA
θJC
TQFN6 (2x2mm)…. ................80 ...... 16 ...
°C/W
TSOT23-6…...........................220 .... 110 ..
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2)
The maximum allowable power dissipation is a function
of the
maximum junction temperature TJ(MAX), the junction-
toambient
thermal
resistance
θJA,
and
the
ambient
temperature TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by
PD(MAX)=(TJ(MAX)-TA)/θJA.
Exceeding
the
maximum
allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage.
3) Measured on JESD51-7, 4-layer PCB.
OUT
TOP VIEW
ILIM
FLAG
IN
GND
EN
EXPOSED
PAD ON
BACKSIDE
1
2
34
5
6
IN
GND
EN
1
2
3
6
5
4
OUT
ILIM
FLAG
TOP VIEW
TQFN6 (2x2mm)
TSOT23-6
MP62550/MP62551
Single-Channel
(EN active low for MP62550)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com