Electronic Components Datasheet Search
  English  ▼

X  

MP62550 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP62550
Description  Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62550 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP62550 Datasheet HTML 4Page - Monolithic Power Systems MP62550 Datasheet HTML 5Page - Monolithic Power Systems MP62550 Datasheet HTML 6Page - Monolithic Power Systems MP62550 Datasheet HTML 7Page - Monolithic Power Systems MP62550 Datasheet HTML 8Page - Monolithic Power Systems MP62550 Datasheet HTML 9Page - Monolithic Power Systems MP62550 Datasheet HTML 10Page - Monolithic Power Systems MP62550 Datasheet HTML 11Page - Monolithic Power Systems MP62550 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MP62550/MP62551 –60mA-1.7A PROGRAMMABLE CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62550/MP62551 Rev. 1.21
www.MonolithicPower.com
8
6/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=5V, RILIM=20kΩ, RFLAG=10kΩ, COUT=100μF, TA=+25°C, unless otherwise noted.
VOUT
2V/div.
VEN
5V/div.
IIN
500mA/div.
Inrush Current Limit
VOUT
2V/div.
VEN
5V/div.
IIN
500mA/div.
VEN
2V/div.
IIN
500mA/div.
Current Limit
Device Enabled
VOUT
2V/div.
VFLAG
5V/div.
IOUT
1.00A/div.
No Load
Short Inrush Current
Current Limit
FAULT Asserted After
Deglitch Period
VOUT
2V/div.
VFLAG
5V/div.
IIN
1.00A/div.
Device Turns Off and
Re-enables into Current-Limit
Device Begins Thermal Cycling
Output Short Circuit Applied
VOUT
2V/div.
VFLAG
5V/div.
IIN
1.00A/div.
FAULT De-asserted After
Deglitch Period
Output Short Circuit Removed
VOUT
2V/div.
VFLAG
5V/div.
IIN
1.00A/div.
No Load
Device Enters Current-Limit
Device Begins Thermal Cycling
Output Short Circuit Applied
VOUT
2V/div.
VFLAG
5V/div.
IIN
1.00A/div.
Device Thermal Cycling when
Short-Circuit Presents
FAULT De-asserted After
Deglitch Period
Output Short Circuit Removed
VOUT
2V/div.
VIN
2V/div.
IIN
1.00A/div.
Reverse Current Until Device Turns off
VOUT
VIN
5.5V Applied to Vout
VIN=5V
Device Enabled
Device Disabled
FAULT Asserted After
Deglitch Period
Device Thermal Cycling when
Short-Circuit Presents
FAULT Asserted After
Deglitch Period
Device Shutdown Due to
Reverse Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com