Electronic Components Datasheet Search
  English  ▼

X  

MP62550 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP62550
Description  Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62550 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP62550 Datasheet HTML 8Page - Monolithic Power Systems MP62550 Datasheet HTML 9Page - Monolithic Power Systems MP62550 Datasheet HTML 10Page - Monolithic Power Systems MP62550 Datasheet HTML 11Page - Monolithic Power Systems MP62550 Datasheet HTML 12Page - Monolithic Power Systems MP62550 Datasheet HTML 13Page - Monolithic Power Systems MP62550 Datasheet HTML 14Page - Monolithic Power Systems MP62550 Datasheet HTML 15Page - Monolithic Power Systems MP62550 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP62550/MP62551 –60mA-1.7A PROGRAMMABLE CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62550/MP62551 Rev. 1.21
www.MonolithicPower.com
12
6/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Power-Supply Considerations
Over 10μF capacitor between IN and GND is
recommended. This precaution reduces power-
supply transients that may cause ringing on the
input and improves the immunity of the device
to short-circuit transients.
In order to achieve smaller output load transient
ripple, placing a high-value electrolytic capacitor
on the output pin is recommended when the
load is heavy.
A 0.01μF to 0.1μF ceramic bypassing capacitor
is recommended to improve the immunity of the
device to transient conditions and noise.
GND
IN
ILIM
EN
OUT
FLAG
GND
VIN
EN
VOUT
GND
MP62551
*
*
RFLAG
10k
FLAG
+
RILIM
PAD
* EN is active low for MP62550
Figure 4—Application Circuit
Programming the Current-Limit
The current-limit is programmed via an external
resistor from ILIM to GND. The recommended
1%
resistor
range
of
RILIM
is
12.4kΩ≤RILIM≤210kΩ. The ILIM pin can be
connected to IN to set the current-limit at its
minimum level of 60mA (typ).
It’s important to consider the tolerance of
current limit when selecting a value for RILIM.
Some applications require that the minimum
current limit is above a certain current level,
while some applications require the maximum
current limit is below a certain current level.
Figure 5 can be used to calculate the current
limit value for a given ILIM resistor and also can
be used to select ILIM resistor for a certain
current limit.
RILIM can be selected to provide a current limit
that occurs 1) above a minimum load current or
2) below a maximum load current.
To determine above a minimum current limit,
find the maximum desired load current on the
Ios(min) curve and choose a value of RILIM below
this value. The resulting maximum current limit
is the intersection of the selected value of RILIM
and the Ios(max) curve.
To determine below a maximum current limit,
find the maximum desired load current on the
Ios(max) curve and choose a value of RILIM above
this value. The resulting minimum current limit
is the intersection of the selected value of RILIM
and the Ios(min) curve.
In theory, the result of current limit multiplied by
RILIM is a constant. But the internal amplifier has
offset, as a result the current limit vs 1/RILIM is
not linear at small programming resistor range.
The theoretical current limit calculation formula
is given as following:
OSnom
0.9248
ILIM
18.818V
I(A)
Rk
=
Ω
OS min
0.9342
ILIM
18.489V
I(A)
Rk
=
Ω
OS max
0.8944
ILIM
18.229V
I(A)
Rk
=
Ω
Where:
ILIM
12.4k
R
210k
Ω ≤≤
Ω .
For better accuracy current limit setting, Table1
and Figure5 are highly recommended. Those
curve or data are provided basing on large
amount experimental test results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com