Electronic Components Datasheet Search
  English  ▼

X  

MP62550 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP62550
Description  Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62550 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP62550 Datasheet HTML 1Page - Monolithic Power Systems MP62550 Datasheet HTML 2Page - Monolithic Power Systems MP62550 Datasheet HTML 3Page - Monolithic Power Systems MP62550 Datasheet HTML 4Page - Monolithic Power Systems MP62550 Datasheet HTML 5Page - Monolithic Power Systems MP62550 Datasheet HTML 6Page - Monolithic Power Systems MP62550 Datasheet HTML 7Page - Monolithic Power Systems MP62550 Datasheet HTML 8Page - Monolithic Power Systems MP62550 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP62550/MP62551 –60mA-1.7A PROGRAMMABLE CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62550/MP62551 Rev. 1.21
www.MonolithicPower.com
4
6/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (4) (continued)
TA=+25°C, 2.5V≤VIN≤5.5V, 12.4kΩ≤RILIM≤210kΩ, RFLAG=10kΩ, unless otherwise noted.
Parameters
Symbol
Test Conditions
Min
Typ
Max
Units
Thermal
Shutdown
Threshold
TJ
155
°C
Thermal
Shutdown
Threshold
in
Current-
Limit Condition
TJ_CL
135
°C
Thermal
Shutdown
Hysteresis
TJ_HYS
10
°C
VIN=5.5V
0.5
1.5
VOUT Rising Time
Tr
(5)
RLOAD=100Ω,
CLOAD=1μF
VIN=2.5V
0.75
ms
VIN=5.5V
0.1
0.4
VOUT Falling Time
Tf
(6)
RLOAD=100Ω,
CLOAD=1μF
VIN=2.5V
0.1
0.4
Turn On Time
Ton
(7)
3
Turn Off Time
Toff
(8)
RLOAD=100Ω, CLOAD=100μF
30
ms
Notes:
4) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.
5) Measured from 10% to 90% output signal.
6) Measured from 90% to 10% output signal.
7) Measured from 50% EN signal to 90% output signal.
8) Measured from 50% EN signal to 10% output signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com