Electronic Components Datasheet Search
  English  ▼

X  

MP62550 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP62550
Description  Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62550 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP62550 Datasheet HTML 7Page - Monolithic Power Systems MP62550 Datasheet HTML 8Page - Monolithic Power Systems MP62550 Datasheet HTML 9Page - Monolithic Power Systems MP62550 Datasheet HTML 10Page - Monolithic Power Systems MP62550 Datasheet HTML 11Page - Monolithic Power Systems MP62550 Datasheet HTML 12Page - Monolithic Power Systems MP62550 Datasheet HTML 13Page - Monolithic Power Systems MP62550 Datasheet HTML 14Page - Monolithic Power Systems MP62550 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP62550/MP62551 –60mA-1.7A PROGRAMMABLE CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62550/MP62551 Rev. 1.21
www.MonolithicPower.com
11
6/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Flag Response
The FLAG
________
pin is an open drain configuration.
When over current or over temperature is
encountered, FLAG
________
will report a fail mode (low
level).
For over current, 7.5ms deglitch time-out is
needed. This is used to ensure that no false fault
signal is reported. This internal deglitch circuit
eliminates the need for components.
For over temperature, the FLAG
________
pin is not
deglitched.
The FLAG
________
will not change state when the input
UVLO is triggered.
Under-voltage Lockout (UVLO)
This circuit is used to monitor the input voltage to
ensure that the MP62550/MP62551 is operating
correctly. This UVLO circuit also ensures that
there is no operation until the input voltage
reaches the minimum spec. Built-in 130mV
hysteresis prevents unwanted on/off power
cycling due to input voltage drop from large
current surges.
Enable
The logic pin disables the chip to reduce the
supply
current.
Enable
high
activate
the
MP62551 while enable low activate the MP62550.
The device will operate once the enable signal
reaches the appropriate level. There is no
hysteresis for enable pin. The input is compatible
with both COMS and TTL.
Thermal Protection
The purpose of thermal protection is to prevent
damage in the IC by allowing exceptive current to
flow and heat the junction. The die temperature is
internally monitored by two independent thermal
sensing circuits until the thermal limit is reached.
The first thermal sensor turns off the power
switch when the die temperature exceeds 135°C
(min) and the part is in current limit. The second
thermal sensor turns off the power-switch when
the die temperature exceeds 155°C (min)
regardless of whether the switch is in current limit.
Both two thermal sensors have built-in hysteresis.
It will turn on the switch once it is cooled down
10°C
approximately.
MP62550/MP62551
continues to cycle off and on until the fault is
removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com