Electronic Components Datasheet Search
  English  ▼

X  

LTC3350 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3350
Description  High Current Supercapacitor Backup Controller and System Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3350 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3350 Datasheet HTML 18Page - Linear Technology LTC3350 Datasheet HTML 19Page - Linear Technology LTC3350 Datasheet HTML 20Page - Linear Technology LTC3350 Datasheet HTML 21Page - Linear Technology LTC3350 Datasheet HTML 22Page - Linear Technology LTC3350 Datasheet HTML 23Page - Linear Technology LTC3350 Datasheet HTML 24Page - Linear Technology LTC3350 Datasheet HTML 25Page - Linear Technology LTC3350 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
LTC3350
22
3350fc
For more information www.linear.com/LTC3350
applicaTions inForMaTion
The peak inductor current limit, IPEAK, is 80% higher than
the maximum charge current and is equal to:
IPEAK =
58mV
RSNSC
Note that the input current limit does not include the part’s
quiescent and gate drive currents. The total current drawn
by the part will be IIN(MAX) + IQ + IG, where IQ is the non-
switchingquiescentcurrentandIGisthegatedrivecurrent.
Low Current Charging and High Current Backup
The LTC3350 can accommodate applications requiring
low charge currents and high backup currents. In these
applications, program the desired charge current using
RSNSI. The higher current needed during backup can be
set using RSNSC. The input current limit will override the
chargecurrentlimitwhenthesupercapacitorsarecharging
while the charge current limit provides sufficient current
capability for backup operation.
The charge current will be limited to ICHG(MAX) at low
VCAP (i.e., low duty cycles). As VCAP rises, the switching
controller’s input current will increase until it reaches
IIN(MAX). The input current will be maintained at IIN(MAX)
and the charge current will decrease as VCAP rises further.
Some applications may want to use only a portion of the
inputcurrentlimittochargethesupercapacitors.Twoinput
current sense resistors placed in series can be used to
accomplish this as shown in Figure 3. VOUTSP is kelvin
connected to the positive terminal of RSNSI1 and VOUTSN
is kelvin connected to the negative terminal of RSNSI2.
The load current is pulled across RSNSI1 while the input
current to the charger is pulled across RSNSI1 and RSNSI2.
The input current limit is:
32mV = RSNSI1 • ILOAD + (RSNSI1 + RSNSI2) • IINCHG
For example, suppose that only 2A of input current is de-
sired to charge the supercapacitors but the system load
and charger combined can pull a total of up to 4A from the
supply. Setting RSNSI1 = RSNSI2 = 8mΩ will set a 4A cur-
rent limit for the load + charger while setting a 2A limit for
the charger. With no system load, the charger can pull up
to 2A of input current. As the load pulls 0A to 4A of current
thecharger’sinputcurrentwillreducefrom2Adownto0A.
The following equation can be used to determine charging
input current as a function of system load current:
IINCHG =
32mV
RSNSI1+RSNSI2
–
RSNSI1
RSNSI1+RSNSI2
•ILOAD
ThecontactresistanceofthenegativeterminalofRSNSI1and
the positive terminal of RSNSI2 as well as the resistance of
the trace connecting them will cause variability in the input
currentlimit.Tominimizetheerror,placebothinputcurrent
sense resistors close together with a large PCB pad area
betweenthemasthesystemloadcurrentispulledfromthe
trace connecting the two sense resistors.
Note that the backup current will flow through RSNSI2. The
RSNSI2 package should be sized accordingly to handle the
power dissipation.
Figure 3
VIN
VIN
INFET VOUTSP
RSNSI1 RSNSI2
LTC3350
VOUTSN
IINCHG
ILOAD
VOUT (TO SYSTEM)
TGATE
BGATE
3350 F03
Setting VCAP Voltage
The LTC3350 VCAP voltage is set by an external feedback
resistordivider,asshowninFigure4.Theregulatedoutput
voltage is determined by:
VCAP = 1+
RFBC1
RFBC2
⎛
⎝⎜
⎞
⎠⎟
CAPFBREF
where CAPFBREF is the output of the VCAP DAC, pro-
grammed in the vcapfb_dac register. Great care should
be taken to route the CAPFB line away from noise sources,
such as the SW line.
Power-Fail Comparator Input Voltage Threshold
The input voltage threshold below which the power-fail
status pin, PFO, indicates a power-fail condition and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com