Electronic Components Datasheet Search
  English  ▼

X  

LTC3350 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3350
Description  High Current Supercapacitor Backup Controller and System Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3350 Datasheet(HTML) 3 Page - Linear Technology

  LTC3350 Datasheet HTML 1Page - Linear Technology LTC3350 Datasheet HTML 2Page - Linear Technology LTC3350 Datasheet HTML 3Page - Linear Technology LTC3350 Datasheet HTML 4Page - Linear Technology LTC3350 Datasheet HTML 5Page - Linear Technology LTC3350 Datasheet HTML 6Page - Linear Technology LTC3350 Datasheet HTML 7Page - Linear Technology LTC3350 Datasheet HTML 8Page - Linear Technology LTC3350 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
LTC3350
3
3350fc
For more information www.linear.com/LTC3350
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN, VOUTSP, VOUTSN............................... –0.3V to 40V
VCAP.......................................................... –0.3V to 22V
CAP4-CAP3, CAP3-CAP2, CAP2-CAP1,
CAP1-CAPRTN.......................................... –0.3V to 5.5V
DRVCC, OUTFB, CAPFB, SMBALERT, CAPGD,
PFO, GPI, SDA, SCL .................................. –0.3V to 5.5V
BST......................................................... –0.3V to 45.5V
PFI ............................................................. –0.3V to 20V
CAP_SLCT0, CAP_SLCT1................................–0.3 to 3V
BST to SW ................................................ –0.3V to 5.5V
VOUTSP to VOUTSN, ICAP to VCAP ......... –0.3V to 0.3V
IINTVCC .................................................................100mA
ICAP(1,2,3,4), ICAPRTN............................................ 600mA
ICAPGD, IPFO , ISMBALERT .........................................10mA
Operating Junction Temperature Range
(Notes 2, 3)..............................................–40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
13 14 15 16
TOP VIEW
39
PGND
UHF PACKAGE
38-LEAD (5mm
× 7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
SCL
SDA
SMBALERT
CAPGD
VC
CAPFB
OUTFB
SGND
RT
GPI
ITST
CAPRTN
VOUTSP
VOUTSN
INTVCC
DRVCC
BGATE
BST
TGATE
SW
VCC2P5
ICAP
VCAP
OUTFET
23
22
21
20
9
10
11
12
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 39) IS PGND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3350EUHF#PBF
LTC3350EUHF#TRPBF
3350
38-Lead (5mm × 7mm) Plastic QFN
–40°C to 125°C
LTC3350IUHF#PBF
LTC3350IUHF#TRPBF
3350
38-Lead (5mm × 7mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com