Electronic Components Datasheet Search
  English  ▼

X  

LTC3350 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3350
Description  High Current Supercapacitor Backup Controller and System Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3350 Datasheet(HTML) 5 Page - Linear Technology

  LTC3350 Datasheet HTML 1Page - Linear Technology LTC3350 Datasheet HTML 2Page - Linear Technology LTC3350 Datasheet HTML 3Page - Linear Technology LTC3350 Datasheet HTML 4Page - Linear Technology LTC3350 Datasheet HTML 5Page - Linear Technology LTC3350 Datasheet HTML 6Page - Linear Technology LTC3350 Datasheet HTML 7Page - Linear Technology LTC3350 Datasheet HTML 8Page - Linear Technology LTC3350 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
LTC3350
5
3350fc
For more information www.linear.com/LTC3350
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = VOUT = 12V, VDRVCC = VINTVCC unless otherwise
noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DCMAX
Maximum Duty Cycle
Step-Down Mode
Step-Up Mode
97
87
98
93
99.5
%
%
Gate Drivers
RUP-TG
TGATE Pull-Up On-Resistance
2
Ω
RDOWN-TG
TGATE Pull-Down On-Resistance
0.6
Ω
RUP-BG
BGATE Pull-Up On-Resistance
2
Ω
RDOWN-BG
BGATE Pull-Down On-Resistance
0.6
Ω
tr-TG
TGATE 10% to 90% Rise Time
CLOAD = 3.3nF
18
25
ns
tf-TG
TGATE 10% to 90% Fall Time
CLOAD = 3.3nF
8
15
ns
tr-BG
BGATE 10% to 90% Rise Time
CLOAD = 3.3nF
18
25
ns
tf-BG
BGATE 10% to 90% Fall Time
CLOAD = 3.3nF
8
15
ns
tNO
Non-Overlap Time
50
ns
tON(MIN)
85
ns
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
5.2V ≤ VIN ≤ 35V
5
V
∆VINTVCC
Load Regulation
IINTVCC = 50mA
–1.5
–2.5
%
PowerPath/Ideal Diodes
VFTO
Forward Turn-On Voltage
65
mV
VFR
Forward Regulation
30
mV
VRTO
Reverse Turn Off
–30
mV
tIF(ON)
INFET Rise Time
INFET – VIN > 3V, CINFET = 3.3nF
560
µs
tIF(OFF)
INFET Fall Time
INFET – VIN < 1V, CINFET = 3.3nF
1.5
µs
tOF(ON)
OUTFET Rise Time
OUTFET – VCAP > 3V, COUTFET = 3.3nF
0.13
µs
tOF(OFF)
OUTFET Fall Time
OUTFET – VCAP < 1V, COUTFET = 3.3nF
0.26
µs
Power-Fail Comparator
VPFI(TH)
PFI Input Threshold (Falling Edge)
l
1.147
1.17
1.193
V
VPFI(HYS)
PFI Hysteresis
30
mV
IPFI
PFI Input Leakage Current
VPFI = 0.5V
l
–50
50
nA
VPFO
PFO Output Low Voltage
ISINK = 5mA
200
mV
IPFO
PFO High-Z Leakage Current
VPFO = 5V
l
1
μA
PFI Falling to PFO Low Delay
85
ns
PFI Rising to PFO High Delay
0.4
μs
CAPGD
VCAPFB(TH)
CAPGD Rising Threshold as % of Regulated VCAP
Feedback Voltage
Vcapfb_dac = Full Scale (1111b)
l
90
92
94
%
VCAPFB(HYS) CAPGD Hysteresis at CAPFB as a % of Regulated
VCAP Feedback Voltage
Vcapfb_dac = Full Scale (1111b)
1.25
%
VCAPGD
CAPGD Output Low Voltage
ISINK = 5mA
200
mV
ICAPGD
CAPGD High-Z Leakage Current
VCAPGD = 5V
l
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com