Electronic Components Datasheet Search
  English  ▼

X  

LTC3350 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3350
Description  High Current Supercapacitor Backup Controller and System Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3350 Datasheet(HTML) 4 Page - Linear Technology

  LTC3350 Datasheet HTML 1Page - Linear Technology LTC3350 Datasheet HTML 2Page - Linear Technology LTC3350 Datasheet HTML 3Page - Linear Technology LTC3350 Datasheet HTML 4Page - Linear Technology LTC3350 Datasheet HTML 5Page - Linear Technology LTC3350 Datasheet HTML 6Page - Linear Technology LTC3350 Datasheet HTML 7Page - Linear Technology LTC3350 Datasheet HTML 8Page - Linear Technology LTC3350 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
LTC3350
4
3350fc
For more information www.linear.com/LTC3350
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = VOUT = 12V, VDRVCC = VINTVCC unless otherwise
noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Regulator
VIN
Input Supply Voltage
l
4.5
35
V
IQ
Input Quiescent Current (Note 4)
4
mA
VCAPFBHI
Maximum Regulated VCAP Feedback Voltage
VCAPDAC Full Scale (1111b)
l
1.188
1.176
1.200
1.200
1.212
1.224
V
V
VCAPFBLO
Minimum Regulated VCAP Feedback Voltage
VCAPDAC Zero Scale (0000b)
0.628
0.638
0.647
V
ICAPFB
CAPFB Input Leakage Current
VCAPFB = 1.2V
l
–50
50
nA
VOUTFB
Regulated VOUT Feedback Voltage
l
1.188
1.176
1.200
1.200
1.212
1.224
V
V
VOUTFB(TH)
OUTFET Turn-Off Threshold
Falling Threshold
1.27
1.3
1.33
V
IOUTFB
OUTFB Input Leakage Current
VOUTFB = 1.2V
l
–50
50
nA
VOUTBST
VOUT Voltage in Step-Up Mode
VIN = 0V
l
4.5
35
V
VUVLO
INTVCC Undervoltage Lockout
Rising Threshold
Falling Threshold
l
l
3.85
4.3
4
4.45
V
V
VDRVUVLO
DRVCC Undervoltage Lockout
Rising Threshold
Falling Threshold
l
l
3.75
4.2
3.9
4.35
V
V
VDUVLO
VIN – VCAP Differential Undervoltage Lockout
Rising Threshold
Falling Threshold
l
l
145
55
185
90
225
125
mV
mV
VOVLO
VIN Overvoltage Lockout
Rising Threshold
Falling Threshold
l
l
37.7
36.3
38.6
37.2
39.5
38.1
V
V
VVCAPP5
Charge Pump Output Voltage
Relative to VCAP, 0V ≤ VCAP ≤ 20V
5
V
Input Current Sense Amplifier
VSNSI
Regulated Input Current Sense Voltage
(VOUTSP – VOUTSN)
l
31.36
31.04
32.00
32.00
32.64
32.96
mV
mV
Charge Current Sense Amplifier
VSNSC
Regulated Charge Current Sense Voltage
(ICAP – VCAP)
VCAP = 10V
l
31.36
31.04
32.00
32.00
32.64
32.96
mV
mV
VCMC
Common Mode Range (ICAP, VCAP)
0
20
V
VPEAK
Peak Inductor Current Sense Voltage
l
51
58
65
mV
VREV
Reverse Inductor Current Sense Voltage
Step-Down Mode
l
3.867
7
10
mV
IICAP
ICAP Pin Current
Step-Down Mode, VSNSC = 32mV
Step-Up Mode, VSNSC = 32mV
30
135
µA
µA
Error Amplifier
gMV
VCAP Voltage Loop Transconductance
1
mmho
gMC
Charge Current Loop Transconductance
64
μmho
gMI
Input Current Loop Transconductance
64
μmho
gMO
VOUT Voltage Loop Transconductance
400
μmho
Oscillator
fSW
Switching Frequency
RT = 107k
l
495
490
500
500
505
510
kHz
kHz
Maximum Programmable Frequency
RT = 53.6k
1
MHz
Minimum Programmable Frequency
RT = 267k
200
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com