Electronic Components Datasheet Search
  English  ▼

X  

LTC3350 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC3350
Description  High Current Supercapacitor Backup Controller and System Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3350 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC3350 Datasheet HTML 36Page - Linear Technology LTC3350 Datasheet HTML 37Page - Linear Technology LTC3350 Datasheet HTML 38Page - Linear Technology LTC3350 Datasheet HTML 39Page - Linear Technology LTC3350 Datasheet HTML 40Page - Linear Technology LTC3350 Datasheet HTML 41Page - Linear Technology LTC3350 Datasheet HTML 42Page - Linear Technology LTC3350 Datasheet HTML 43Page - Linear Technology LTC3350 Datasheet HTML 44Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
LTC3350
40
3350fc
For more information www.linear.com/LTC3350
Application Circuit 2. 11V to 20V, 16A Supercapacitor Charger with 6.4A Input Current Limit and 10V, 60W Backup Mode
VIN
VDD
VIN
11V TO 20V
INFET
MN1
SiR422DP
MN2
BSC026N02KS
L1
2.2µH
RSNSC
0.002
RCAP1 2.7
RCAP2 2.7
RCAP3 2.7
RCAP4 2.7
RCAPRTN 2.7
MN3
BSC046N02KS
×2
RSNSI
0.005
VOUTM5VOUTSP
LTC3350
VOUTSN OUTFET
OUTFB
PFI
C1
0.1µF
C2
1µF
RPF1
806k
DB
B0540WS
CB
0.47µF
C3
4.7µF
C4
0.1µF
CCAP
47µF
RFBC1
845k
RFBC2
150k
CF
0.1µF
CCP5
0.1µF
CAP1 360F
CAP1-4: NESSCAP ESHSR-0360CO-002R7
L1: VISHAY IHLP5050FDER2R2MO1
CFBO1
120pF
COUT2
22µF
×4
COUT1
82µF
×4
RFBO1
619k
RFBO2
89.5k
RPF2
100k
R3
10k
R4
100k
C5
1µF
R6
121
R5
133k
CC
10nF
RT1
100k
R2
10k
R1
10k
VCC2P5
PFO
CAPGD
SMBALERT
SCL
SDA
PFO
CAPGD
SMBALERT
SCL
SDA
VOUT
10V
60W IN BACKUP
TGATE
SW
ICAP
VCAP
CAP_SLCT0
CAP_SLCT1
VCAPP5
3350 TA03
CFP
CAP4
CAP3
CAP2
CAP1
CFN
SGND
PGND
ITST
RT
T
VC
GPI
DRVCC
INTVCC
BST
BGATE
+
CAP2 360F
+
CAP3 360F
+
CAP4 360F
+
+
CAPRTN
CAPFB
Typical applicaTions
Application Circuit 3. 11V to 20V, 5.3A LiFePO4 Battery Charger with 4.6A Input Current Limit and 12V, 48W Backup Mode
VIN
VDD
VIN
11V TO 20V
INFET
MN1
SiS438DN
MN2
BSZ060NE2LS
L1
3.3µH
RSNSC
0.006
RCAP1 3.6
RCAP2 3.6
RCAP3 3.6
RCAPRTN 3.6
VSHUNT = 3.6V
L1: COILCRAFT XAL7070-332ME
MN3
BSZ060NE2LS
RSNSI
0.007
VOUTM5VOUTSP
LTC3350
VOUTSN OUTFET
OUTFB
PFI
C1
0.1µF
C2
1µF
RPF1
806k
DB
B0540WS
CB
0.1µF
C3
4.7µF
C4
0.1µF
CCAP
22µF
×4
RFBC1
909k
RFBC2
118k
CF
0.1µF
CCP5
0.1µF
CFBO1
120pF
COUT2
2.2µF
×2
COUT1
47µF
×2
RFBO1
649k
RFBO2
71.5k
RPF2
100k
R3
10k
R4
100k
C5
1µF
R6
10M
R5
71.5k
CC
4.7nF
RT1
100k
R2
10k
R1
10k
VCC2P5
PFO
CAPGD
SMBALERT
SCL
SDA
PFO
CAPGD
SMBALERT
SCL
SDA
VOUT
12V
48W IN BACKUP
TGATE
SW
ICAP
VCAP
CAP_SLCT1
CAP_SLCT0
VCAPP5
3350 TA04
CFP
CAP4
CAP3
CAP2
CAP1
CFN
SGND
PGND
ITST
RT
T
VC
GPI
DRVCC
INTVCC
BST
BGATE
CAPRTN
CAPFB
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com