Electronic Components Datasheet Search
  English  ▼

X  

LT8362 Datasheet(PDF) 9 Page - Linear Technology

Part # LT8362
Description  Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8362 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT8362 Datasheet HTML 5Page - Linear Technology LT8362 Datasheet HTML 6Page - Linear Technology LT8362 Datasheet HTML 7Page - Linear Technology LT8362 Datasheet HTML 8Page - Linear Technology LT8362 Datasheet HTML 9Page - Linear Technology LT8362 Datasheet HTML 10Page - Linear Technology LT8362 Datasheet HTML 11Page - Linear Technology LT8362 Datasheet HTML 12Page - Linear Technology LT8362 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LT8362
9
8362fa
For more information www.linear.com/LT8362
OPERATION
The LT8362 uses a fixed frequency, current mode con-
trol scheme to provide excellent line and load regula-
tion. Operation can be best understood by referring
to the Block Diagram. An oscillator (with frequency
programmed by a resistor at the RT pin) turns on the
internal power switch at the beginning of each clock
cycle. Current in the inductor then increases until the
current comparator trips and turns off the power switch.
The peak inductor current at which the switch turns off
is controlled by the voltage on the VC pin. The error
amplifier servos the VC pin by comparing the voltage on
the FBX pin with an internal reference voltage (1.60V or
–0.80V, depending on the chosen topology). When the
load current increases it causes a reduction in the FBX
pin voltage relative to the internal reference. This causes
the error amplifier to increase the VC pin voltage until the
new load current is satisfied. In this manner, the error
amplifier sets the correct peak switch current level to
keep the output in regulation.
The LT8362 is capable of generating either a positive or
negative output voltage with a single FBX pin. It can be
configured as a boost or SEPIC converter to generate a
positive output voltage, or as an inverting converter to
generate a negative output voltage. When configured as
a Boost converter, as shown in the Block Diagram, the
FBX pin is pulled up to the internal bias voltage of 1.60V
by a voltage divider (R1 and R2) connected from VOUT
to GND. Amplifier A2 becomes inactive and amplifier A1
performs (inverting) amplification from FBX to VC. When
the LT8362 is in an inverting configuration, the FBX pin
is pulled down to –0.80V by a voltage divider from VOUT
to GND. Amplifier A1 becomes inactive and amplifier A2
performs (non-inverting) amplification from FBX to VC.
If the EN/UVLO pin voltage is below 1.6V, the LT8362
enters undervoltage lockout (UVLO), and stops switching.
When the EN/UVLO pin voltage is above 1.68V (typical),
the LT8362 resumes switching. If the EN/UVLO pin volt-
age is below 0.2V, the LT8362 draws less than 1µA from
VIN.
For the SYNC/MODE pin tied to ground or <0.14V, the
LT8362 will enter low output ripple Burst Mode opera-
tion for ultra low quiescent current during light loads to
maintain high efficiency. For a 100k resistor from SYNC/
MODE pin to GND, the LT8362 uses Burst Mode opera-
tion for improved efficiency at light loads but seamlessly
transitions to Spread-Spectrum Modulation of switch-
ing frequency for low EMI at heavy loads. For the SYNC/
MODE pin floating (left open), the LT8362 uses pulse-
skipping mode, at the expense of hundreds of microamps,
to maintain output voltage regulation at light loads by
skipping switch pulses. For the SYNC/MODE pin tied to
INTVCC or >1.7V, the LT8362 uses pulse-skipping mode
and performs Spread-Spectrum Modulation of switching
frequency. For the SYNC/MODE pin driven by an external
clock, the converter switching frequency is synchronized
to that clock and pulse-skipping mode is also enabled. See
the Pin Functions section for SYNC/MODE pin.
The LT8362 includes a BIAS pin to improve efficiency
across all loads. The LT8362 intelligently chooses
between the VIN and BIAS pins to supply the INTVCC for
best efficiency. The INTVCC supply current can be drawn
from the BIAS pin instead of the VIN pin for 4.4V ≤ BIAS
≤ VIN.
Protection features ensure the immediate disable of
switching and reset of the SS pin for any of the following
faults: internal reference UVLO, INTVCC UVLO, switch cur-
rent > 1.5× maximum limit, EN/UVLO < 1.6V or junction
temperature > 170°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com