Electronic Components Datasheet Search
  English  ▼

X  

LT8362 Datasheet(PDF) 14 Page - Linear Technology

Part # LT8362
Description  Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8362 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT8362 Datasheet HTML 10Page - Linear Technology LT8362 Datasheet HTML 11Page - Linear Technology LT8362 Datasheet HTML 12Page - Linear Technology LT8362 Datasheet HTML 13Page - Linear Technology LT8362 Datasheet HTML 14Page - Linear Technology LT8362 Datasheet HTML 15Page - Linear Technology LT8362 Datasheet HTML 16Page - Linear Technology LT8362 Datasheet HTML 17Page - Linear Technology LT8362 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LT8362
14
8362fa
For more information www.linear.com/LT8362
APPLICATIONS INFORMATION
APPLICATION CIRCUITS
The LT8362 can be configured for different topologies.
The first topology to be analyzed will be the boost con-
verter, followed by the SEPIC and inverting converters.
Boost Converter: Switch Duty Cycle
The LT8362 can be configured as a boost converter for
the applications where the converter output voltage is
higher than the input voltage. Remember that boost con-
verters are not short-circuit protected. Under a shorted
output condition, the inductor current is limited only by the
input supply capability. For applications requiring a step-
up converter that is short-circuit protected, please refer
to the Applications Information section covering SEPIC
converters.
The conversion ratio as a function of duty cycle is:
VOUT
VIN
=
1
1 − D
in continuous conduction mode (CCM).
For a boost converter operating in CCM, the duty cycle
of the main switch can be calculated based on the output
voltage (VOUT) and the input voltage (VIN). The maximum
duty cycle (DMAX) occurs when the converter has the
minimum input voltage:
DMAX =
VOUT − VIN(MIN)
VOUT
Discontinuous conduction mode (DCM) provides higher
conversion ratios at a given frequency at the cost of
reduced efficiencies, higher switching currents, and lower
available output power.
Boost Converter: Maximum Output Current Capability
and Inductor Selection
For the boost topology, the maximum average inductor
current is:
IL(MAX)(AVE)= IO(MAX) •
1
1 − DMAX
• 1
η
where
η (< 1.0) is the converter efficiency.
Due to the current limit of its internal power switch, the
LT8362 should be used in a boost converter whose maxi-
mum output current (IO(MAX)) is:
IO(MAX) ≤
VIN(MIN)
VOUT
• 2A − 0.5 • ΔISW
(
) • η
Minimum possible inductor value and switching frequency
should also be considered since they will increase inductor
ripple current ∆ISW.
The inductor ripple current ∆ISW has a direct effect on the
choice of the inductor value and the converter’s maximum
output current capability. Choosing smaller values of
∆ISW increases output current capability, but requires
large inductances and reduces the current loop gain
(the converter will approach voltage mode). Accepting
larger values of ∆ISW provides fast transient response and
allows the use of low inductances, but results in higher
input current ripple and greater core losses, and reduces
output current capability. It is recommended to choose a
∆ISW of approximately 0.75A.
Given an operating input voltage range, and having cho-
sen the operating frequency and ripple current in the
inductor, the inductor value of the boost converter can
be determined using the following equation:
L =
VIN(MIN)
ΔISW • fOSC
• DMAX
The peak inductor current is the switch current limit (max-
imum 3.1A), and the RMS inductor current is approxi-
mately equal to IL(MAX)(AVE).
Choose an inductor that can handle at least 3.1A without sat-
urating, and ensure that the inductor has a low DCR (copper-
wire resistance) to minimize I2R power losses. Note that in
some applications, the current handling requirements of the
inductor can be lower, such as in the SEPIC topology where
each inductor only carries one-half of the total switch cur-
rent. For better efficiency, use similar valued inductors with a
larger volume. Many different sizes and shapes are available
from various manufacturers (see Table 2). Choose a core
material that has low losses at the programmed switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com