Electronic Components Datasheet Search
  English  ▼

X  

LT8362 Datasheet(PDF) 19 Page - Linear Technology

Part # LT8362
Description  Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8362 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT8362 Datasheet HTML 15Page - Linear Technology LT8362 Datasheet HTML 16Page - Linear Technology LT8362 Datasheet HTML 17Page - Linear Technology LT8362 Datasheet HTML 18Page - Linear Technology LT8362 Datasheet HTML 19Page - Linear Technology LT8362 Datasheet HTML 20Page - Linear Technology LT8362 Datasheet HTML 21Page - Linear Technology LT8362 Datasheet HTML 22Page - Linear Technology LT8362 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LT8362
19
8362fa
For more information www.linear.com/LT8362
Due to the current limit of its internal power switch, the
LT8362 should be used in a SEPIC converter whose maxi-
mum output current (IO(MAX)) is:
IO(MAX) < (1 – DMAX) • (2A – 0.5 • ∆ISW) • η
where
η (< 1.0) is the converter efficiency. Minimum
possible inductor value and switching frequency should
also be considered since they will increase inductor ripple
current ∆ISW.
Given an operating input voltage range, and having cho-
sen ripple current in the inductor, the inductor value (L1
and L2 are independent) of the SEPIC converter can be
determined using the following equation:
L1 = L2 =
VIN(MIN)
0.5 • ΔISW • fOSC
• DMAX
For most SEPIC applications, the equal inductor values
will fall in the range of 2.2µH to 100µH.
By making L1 = L2, and winding them on the same core,
the value of inductance in the preceding equation is
replaced by 2L, due to mutual inductance:
L =
VIN(MIN)
ΔISW • fOSC
• DMAX
This maintains the same ripple current and energy storage
in the inductors. The peak inductor currents are:
IL1(PEAK) = IL1(MAX) + 0.5 • ∆IL1
IL2(PEAK) = IL2(MAX) + 0.5 • ∆IL2
The maximum RMS inductor currents are approximately
equal to the maximum average inductor currents.
Based on the preceding equations, the user should choose
the inductors having sufficient saturation and RMS cur-
rent ratings.
Similar to Boost converters, the SEPIC converter also needs
slope compensation to prevent subharmonic oscillations
while operating in CCM. The equation presented in the
Boost converter section defines the minimum inductance
value to avoid sub-harmonic oscillations when coupled
inductors are used. For uncoupled inductors, the minimum
inductance requirement is doubled.
SEPIC Converter: Output Diode Selection
To maximize efficiency, a fast switching diode with a low
forward drop and low reverse leakage is desirable. The
average forward current in normal operation is equal to
the output current.
It is recommended that the peak repetitive reverse voltage
rating VRRM is higher than VOUT + VIN(MAX) by a safety
margin (a 10V safety margin is usually sufficient).
The power dissipated by the diode is:
PD = IO(MAX) • VD
where VD is diode’s forward voltage drop, and the diode
junction temperature is:
TJ = TA + PD • RθJA
The RθJA used in this equation normally includes the RθJC
for the device, plus the thermal resistance from the board,
to the ambient temperature in the enclosure. TJ must not
exceed the diode maximum junction temperature rating.
SEPIC Converter: Output and Input Capacitor Selection
The selections of the output and input capacitors of the
SEPIC converter are similar to those of the boost converter.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com