Electronic Components Datasheet Search
  English  ▼

X  

LT8362 Datasheet(PDF) 24 Page - Linear Technology

Part # LT8362
Description  Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8362 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT8362 Datasheet HTML 20Page - Linear Technology LT8362 Datasheet HTML 21Page - Linear Technology LT8362 Datasheet HTML 22Page - Linear Technology LT8362 Datasheet HTML 23Page - Linear Technology LT8362 Datasheet HTML 24Page - Linear Technology LT8362 Datasheet HTML 25Page - Linear Technology LT8362 Datasheet HTML 26Page - Linear Technology LT8362 Datasheet HTML 27Page - Linear Technology LT8362 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LT8362
24
8362fa
For more information www.linear.com/LT8362
TYPICAL APPLICATIONS
2MHz, 2.8V to 28V Input, 5V SEPIC Converter
D1
R2
464k
C2
1µF
R3
20k
C5
10nF
C4
680pF
R4
36.5k
C3
22µF
L1
2.2µH
C6
1µF
L2
2.2µH
R1
1M
C7
4.7pF
C1
4.7µF
VOUT
5V
500mA AT VIN = 2.8V
750mA AT VIN = 5V
1A AT VIN = 12V
1.2A AT VIN = 28V
VIN
FBX
BIAS
GND
8362 TA06
EN/UVLO
LT8362
VIN
2.8V TO 28V
D1: DIODES INC. DFLS260
SW
SYNC/MODE
INTVCC
RT
SS
VC
L1, L2: WURTH ELEKTRONIK WE-DD SMD 1260 744871220
C3: TAIYO YUDEN TMK325B7226MMHP
C6: MURATA GRM31CR72A105K
VOUT
Efficiency
2MHz, 2.8V to 42V Input, 12V SEPIC Converter
D1
C1
4.7µF
R2
154k
C2
1µF
R3
20k
C5
10nF
C4
680pF
R4
36.5k
C3
10µF
L1
4.7µH
C6
1µF
L2
4.7µH
R1
1M
C7
4.7pF
VOUT
12V
125mA AT VIN = 2.8V
460mA AT VIN = 5V
760mA AT VIN = 12V
1A AT VIN = 24V
1A AT VIN = 42V
VIN
FBX
BIAS
GND
8362 TA07
EN/UVLO
LT8362
VIN
2.8V TO 42V
D1: DIODES INC. DFLS260
SW
SYNC/MODE
INTVCC
RT
SS
VC
L1, L2: WURTH ELEKTRONIK WE-DD SMD 1260 744871470
C3: MURATA GRM31CR71E106KA12L
C6: MURATA GRM31CR72A105K
VOUT
Efficiency
VIN = 2.8V
VIN = 5V
VIN = 12V
VIN = 28V
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
50
55
60
65
70
75
80
85
90
95
100
8362 TA06a
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 42V
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
50
55
60
65
70
75
80
85
90
95
100
8362 TA07a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com