Electronic Components Datasheet Search
  English  ▼

X  

LT8362 Datasheet(PDF) 13 Page - Linear Technology

Part # LT8362
Description  Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8362 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8362 Datasheet HTML 9Page - Linear Technology LT8362 Datasheet HTML 10Page - Linear Technology LT8362 Datasheet HTML 11Page - Linear Technology LT8362 Datasheet HTML 12Page - Linear Technology LT8362 Datasheet HTML 13Page - Linear Technology LT8362 Datasheet HTML 14Page - Linear Technology LT8362 Datasheet HTML 15Page - Linear Technology LT8362 Datasheet HTML 16Page - Linear Technology LT8362 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LT8362
13
8362fa
For more information www.linear.com/LT8362
Figure 3. Soft-Start Waveforms
APPLICATIONS INFORMATION
FAULT PROTECTION
An inductor overcurrent fault (> 3.75A) and/or INTVCC
undervoltage (INTVCC < 2.5V) and/or thermal lockout
(TJ > 170°C) will immediately prevent switching, will
reset the SS pin and will pull down VC. Once all faults are
removed, the LT8362 will soft-start VC and hence inductor
peak current.
FREQUENCY FOLDBACK
During start-up or fault conditions in which VOUT is very
low, extremely small duty cycles may be required to main-
tain control of inductor peak current. The minimum on-
time limitation of the power switch might prevent these
low duty cycles from being achievable. In this scenario
inductor current rise will exceed inductor current fall
during each cycle, causing inductor current to “walk up”
beyond the switch current limit. The LT8362 provides
protection from this by folding back switching frequency
whenever FBX or SS pins are close to GND (low VOUT
levels or start-up). This frequency foldback provides a
larger switch-off time, allowing inductor current to fall
enough each cycle (see Normalized Switching Frequency
vs FBX Voltage in the Typical Performance Characteristics
section).
THERMAL LOCKOUT
If the LT8362 die temperature reaches 170°C (typical),
the part will stop switching and go into thermal lockout.
When the die temperature has dropped by 5°C (nominal),
the part will resume switching with a soft-started inductor
peak current.
COMPENSATION
Loop compensation determines the stability and transient
performance. The LT8362 uses current mode control to
regulate the output which simplifies loop compensation.
The optimum values depend on the converter topology, the
component values and the operating conditions (including
the input voltage, load current, etc.). To compensate the
feedback loop of the LT8362, a series resistor-capacitor
network is usually connected from the VC pin to GND.
The Block Diagram shows the typical VC compensation
network. For most applications, the capacitor should be
in the range of 100pF to 10nF, and the resistor should
be in the range of 5k to 100k. A small capacitor is often
connected in parallel with the RC compensation network
to attenuate the VC voltage ripple induced from the out-
put voltage ripple through the internal error amplifier. The
parallel capacitor usually ranges in value from 2.2pF to
22pF. A practical approach to designing the compensa-
tion network is to start with one of the circuits in this data
sheet that is similar to your application, and tune the com-
pensation network to optimize the performance. Stability
should then be checked across all operating conditions,
including load current, input voltage and temperature.
Application Note 76 is a good reference.
THERMAL CONSIDERATIONS
Care should be taken in the layout of the PCB to ensure
good heat sinking of the LT8362. Both packages have an
exposed pad underneath the IC which is the best path
for heat out of the package. The exposed pad should be
soldered to a continuous copper ground plane under the
device to reduce die temperature and increase the power
capability of the LT8362. The ground plane should be
connected to large copper layers to spread heat dissi-
pated by the LT8362. Power dissipation within the LT8362
(PDISS_LT8362) can be estimated by subtracting the induc-
tor and Schottky diode power losses from the total power
losses calculated in an efficiency measurement. The junc-
tion temperature of LT8362 can then be estimated by:
TJ(LT8362) = TA + θJA • PDISS_LT8362
500µs/DIV
VOUT
20V/DIV
IL
1A/DIV
8362 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com