Electronic Components Datasheet Search
  English  ▼

X  

AD6636PCB Datasheet(PDF) 37 Page - Analog Devices

Part # AD6636PCB
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636PCB Datasheet(HTML) 37 Page - Analog Devices

Back Button AD6636PCB Datasheet HTML 33Page - Analog Devices AD6636PCB Datasheet HTML 34Page - Analog Devices AD6636PCB Datasheet HTML 35Page - Analog Devices AD6636PCB Datasheet HTML 36Page - Analog Devices AD6636PCB Datasheet HTML 37Page - Analog Devices AD6636PCB Datasheet HTML 38Page - Analog Devices AD6636PCB Datasheet HTML 39Page - Analog Devices AD6636PCB Datasheet HTML 40Page - Analog Devices AD6636PCB Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
AD6636
Rev. 0 | Page 37 of 72
The image rejection of this filter is about 55 dB, but is still
sufficient, because the image is from the desired signal, not an
interfering signal. Note that the interpolating half-band filter
can be enabled by writing a Logic 1 to Bit 9 of the MRCF
control registers.
The frequency response of the interpolating half-band FIR is
shown in Figure 37 with respect to the chip rate. The input rate
to this filter is 2× the chip rate, and the output rate is 4× the
chip rate.
FREQUENCY AS FRACTION OF INPUT RATE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
–20
–40
–60
–80
–100
–53
0.75
1.25
INTERPOLATING
HALFB AND
FILTER RESPONSE
Figure 37. Interpolating Half-Band Frequency Response
OUTPUT DATA ROUTER
The output data router circuit precedes the six AGCs of the final
output block and immediately follows the interpolating half-
band filters. This block consists of two subblocks. The first
subblock is responsible for combining (interleaving) data from
more than one channel into a single stream of data.
The second subblock can perform two special functions, either
complex filter completion or biphase filtering. The combined
data is passed on to the AGCs.
Interleaving Data
In some cases, filtering using a single channel is insufficient.
For such setups, it is advantageous to combine the filtering
resources of more than one channel.
Multiple channels can be set up to work on the ADC input port
data with the same NCO and filter setups. The decimation
phase values in one of the RCF filters are set such that the
channel filters are exactly out of phase with each other. In the
data router, these multiple channels are interleaved (combined)
to form a single stream of data. Because each individual channel
is decimated more than it would be if a single channel were
filtering, a larger number of filter taps can be calculated.
For example, two channels need to work together to produce a
filter at an output rate of 10 MHz when the input rate is
100 MHz. Each channel is decimated by a factor of 20 (total
decimation) to achieve the desired output rate of 5 MHz each.
This compares to a decimation of 10, if a single channel were
filtering.
The same coefficients are programmed in both channels’ RCF
filters, and the decimation phases are set to 0 and 1. The
decimation phases can be set to 0 for one channel, and 1 for the
second channel in the pair. This causes the first channel to
produce the even outputs, and the second to produce the odd
outputs of the filter. The streams can then be recombined
(interleaved) to produce the desired 10 MHz output rate. The
benefit is that now each channel’s RCF has time to calculate
twice as many taps, because it has a lower output rate.
STREAM
CONTROL
COMPLEX
FILTER
COMPLETION
PARALLEL
PORT A
PARALLEL
PORT C
PARALLEL
PORT B
AGC0
AGC0
STR0
CH0
AGC1
AGC1
STR1
CH1
AGC2
AGC2
STR2
CH2
AGC3
AGC3
STR3
CH3
AGC4
AGC4
STR4
CH4
AGC5
AGC5
STR5
CH5
Figure 38. Output Data Router Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com