Electronic Components Datasheet Search
  English  ▼

X  

AD6636PCB Datasheet(PDF) 51 Page - Analog Devices

Part # AD6636PCB
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636PCB Datasheet(HTML) 51 Page - Analog Devices

Back Button AD6636PCB Datasheet HTML 47Page - Analog Devices AD6636PCB Datasheet HTML 48Page - Analog Devices AD6636PCB Datasheet HTML 49Page - Analog Devices AD6636PCB Datasheet HTML 50Page - Analog Devices AD6636PCB Datasheet HTML 51Page - Analog Devices AD6636PCB Datasheet HTML 52Page - Analog Devices AD6636PCB Datasheet HTML 53Page - Analog Devices AD6636PCB Datasheet HTML 54Page - Analog Devices AD6636PCB Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
AD6636
Rev. 0 | Page 51 of 72
SRFS
SCLK
SCS
SMODE
SDI
D0
D1
D2
D3
D4
D5
D6
D7
MODE
Figure 46. SPORT Serial Write
SCLK
SCS
SMODE
SDI
SDO
MODE
INSTRUCTION BYTE 1
INSTRUCTION BYTE 2
VALID OUTPUT
SRFS
STFS
Figure 47. SPORT Serial Readback
If the example is for MSBFIRST = 1, then the instruction words
are 0x07 (Address 7) and 0x87 (MSB = 1 for read, followed by
the number of address locations to read). The data coming out
on the SDO corresponds to Addresses 0x07 to 0x01, in that
order. The instruction words are written MSB first and data
comes out on the SDO with the MSB first.
Connecting the AD6636 Serial Port to a Blackfin DSP
In SPI mode, the Blackfin DSP must act as a master to the
AD6636 by providing the SCLK. SDO is an open-drain output,
so that multiple slave devices can be connected together.
Figure 48 shows typical interconnections.
SMODE
SCLK
SPISS
SRFS
AND
STFS
SCK
MOSI
MISO
SCS
SDO
SDI
PF2
MODE
BLACKFIN
(MASTER)
AD6636
(SLAVE)
PROGRAMMABLE FLAG
VDDIO
GND
Figure 48. SPI Mode Serial Port Connections to Blackfin DSP
In SPORT mode, the Blackfin provides the SCLK, SRFS, and
STFS signals, as shown in Figure 49.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com