Electronic Components Datasheet Search
  English  ▼

X  

ATF1504ASL Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATF1504ASL
Description  High performance Complex Programmable Logic Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASL Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATF1504ASL Datasheet HTML 8Page - ATMEL Corporation ATF1504ASL Datasheet HTML 9Page - ATMEL Corporation ATF1504ASL Datasheet HTML 10Page - ATMEL Corporation ATF1504ASL Datasheet HTML 11Page - ATMEL Corporation ATF1504ASL Datasheet HTML 12Page - ATMEL Corporation ATF1504ASL Datasheet HTML 13Page - ATMEL Corporation ATF1504ASL Datasheet HTML 14Page - ATMEL Corporation ATF1504ASL Datasheet HTML 15Page - ATMEL Corporation ATF1504ASL Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
12
ATF1504AS(L)
0950N–PLD–07/02
Absolute Maximum Ratings*
Temperature Under Bias .................................. -40°Cto+85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1.
Minimum voltage is -0.6V DC, which may under-
shoot to -2.0V for pulses of less than 20 ns. Max-
imum output pin voltage is V
CC + 0.75V DC,
which may overshoot to 7.0V for pulses of less
than 20 ns.
Storage Temperature ..................................... -65°Cto+150°C
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V
(1)
Voltage on Input Pins
with Respect to Ground
During Programming.....................................-2.0V to +14.0V
(1)
Programming Voltage with
Respect to Ground .......................................-2.0V to +14.0V
(1)
AC Characteristics
Symbol
Parameter
-7
-10
-15
-20
-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tPD1
Input or Feedback to
Non-registered Output
7.5
10
3
15
20
25
ns
t
PD2
I/O Input or Feedback to
Non-registered Feedback
79
3
12
16
25
ns
tSU
Global Clock Setup Time
6
7
11
16
20
ns
tH
Global Clock Hold Time
0
0
0
0
0
ns
tFSU
Global Clock Setup Time of
Fast Input
33
3
3
5
ns
t
FH
Global Clock Hold Time of
Fast Input
0.5
0.5
1.0
1.5
2
ns
tCOP
Global Clock to Output Delay
4.5
5
8
10
13
ns
tCH
Global Clock High Time
3
4
5
6
7
ns
tCL
Global Clock Low Time
3
4
5
6
7
ns
tASU
Array Clock Setup Time
3
3
4
4
5
ns
t
AH
Array Clock Hold Time
2
3
4
5
6
ns
t
ACOP
Array Clock Output Delay
7.5
10
15
20
25
ns
tACH
Array Clock High Time
3
4
6
8
10
ns
tACL
Array Clock Low Time
3
4
6
8
10
ns
tCNT
Minimum Clock Global Period
8
10
13
17
22
ns
f
CNT
Maximum Internal Global
Clock Frequency
125
100
76.9
66
50
MHz
t
ACNT
Minimum Array Clock Period
8
10
13
17
22
ns
fACNT
Maximum Internal Array
Clock Frequency
125
100
76.9
66
50
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com