Electronic Components Datasheet Search
  English  ▼

X  

ATF1504ASL Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATF1504ASL
Description  High performance Complex Programmable Logic Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASL Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATF1504ASL Datasheet HTML 16Page - ATMEL Corporation ATF1504ASL Datasheet HTML 17Page - ATMEL Corporation ATF1504ASL Datasheet HTML 18Page - ATMEL Corporation ATF1504ASL Datasheet HTML 19Page - ATMEL Corporation ATF1504ASL Datasheet HTML 20Page - ATMEL Corporation ATF1504ASL Datasheet HTML 21Page - ATMEL Corporation ATF1504ASL Datasheet HTML 22Page - ATMEL Corporation ATF1504ASL Datasheet HTML 23Page - ATMEL Corporation ATF1504ASL Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
20
ATF1504AS(L)
0950N–PLD–07/02
OE (1, 2)
Global OE Pins
GCLR
Global Clear Pin
GCLK (1, 2, 3)
Global Clock Pins
PD (1, 2)
Power down pins
TDI, TMS, TCK, TDO
JTAG pins used for boundary-scan testing or in-system programming
GND
Ground Pins
VCCINT
VCC pins for the device (+5V - Internal)
V
CCIO
VCC pins for output drivers (for I/O pins) (+5V or 3.3V - I/Os)
ATF1504AS Dedicated Pinouts
Dedicated Pin
44-lead
TQFP
44-lead
J-lead
68-lead
J-lead
84-lead
J-lead
100-lead
PQFP
100-lead
TQFP
INPUT/OE2/GCLK2
40
2
2
2
92
90
INPUT/GCLR
39
1
1
1
91
89
INPUT/OE1
38
44688490
88
INPUT/GCLK1
37
43678389
87
I/O /GCLK3
35
41658187
85
I/O/PD (1,2)
5, 19
11, 25
17, 37
20, 46
14, 44
12, 42
I/O/TDI (JTAG)
1
712
146
4
I/O/TMS (JTAG)
7
13
19
23
17
15
I/O/TCK (JTAG)
26
32506264
62
I/O/TDO (JTAG)
32
38577175
73
GND
4, 16, 24, 36
10, 22, 30, 42
6, 16, 26, 34,
38, 48, 58, 66
7, 19, 32, 42,
47, 59, 72, 82
13, 28, 40, 45,
61, 76, 88, 97
11, 26, 38, 43,
59, 74, 86, 95
VCCINT
9, 17, 29, 41
3, 15, 23, 35
3, 35
3, 43
41, 93
39, 91
VCCIO
––
11, 21, 31, 43,
53, 63
13, 26, 38, 53,
66, 78
5, 20, 36, 53,
68, 84
3, 18, 34, 51,
66, 82
N/C
––
––
1, 2, 7, 9,
24, 26, 29, 30,
51, 52, 55, 57,
72, 74, 79, 80
1, 2, 5, 7, 22,
24, 27, 28, 49,
50, 53, 55, 70,
72, 77, 78
# of Signal Pins
36
36526868
68
# User I/O Pins
32
32
48
64
64
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com