Electronic Components Datasheet Search
  English  ▼

X  

ATF1504ASL Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATF1504ASL
Description  High performance Complex Programmable Logic Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASL Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATF1504ASL Datasheet HTML 15Page - ATMEL Corporation ATF1504ASL Datasheet HTML 16Page - ATMEL Corporation ATF1504ASL Datasheet HTML 17Page - ATMEL Corporation ATF1504ASL Datasheet HTML 18Page - ATMEL Corporation ATF1504ASL Datasheet HTML 19Page - ATMEL Corporation ATF1504ASL Datasheet HTML 20Page - ATMEL Corporation ATF1504ASL Datasheet HTML 21Page - ATMEL Corporation ATF1504ASL Datasheet HTML 22Page - ATMEL Corporation ATF1504ASL Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
19
ATF1504AS(L)
0950N–PLD–07/02
Note:
Leakage current is with pin-keeper off.
Notes:
1. Equation A: IOH =11.9(VOUT - 5.25) * (VOUT + 2.45) for VCC >VOUT >3.1V.
2. Equation B: IOL = 78.5 * VOUT *(4.4-VOUT)for 0V < VOUT < 0.71V.
PCI DC Characteristics
Symbol
Parameter
Conditions
Min
Max
Units
VCC
Supply Voltage
4.75
5.25
V
V
IH
Input High Voltage
2.0
V
CC +0.5
V
V
IL
Input Low Voltage
-0.5
0.8
V
I
IH
Input High Leakage Current
V
IN =2.7V
70
µA
IIL
Input Low Leakage Current
VIN = 0.5V
-70
µA
VOH
Output High Voltage
IOUT =-2 mA
2.4
V
VOL
Output Low Voltage
IOUT = 3 mA, 6 mA
0.55
V
C
IN
Input Pin Capacitance
10
pF
C
CLK
CLK Pin Capacitance
12
pF
C
IDSEL
IDSEL Pin Capacitance
8pF
LPIN
Pin Inductance
20
nH
PCI AC Characteristics
Symbol
Parameter
Conditions
Min
Max
Units
I
OH(AC)
Switching
Current High
(Test High)
0< V
OUT ≤ 1.4
-44
mA
1.4 < VOUT < 2.4
-44+(VOUT - 1.4)/0.024
mA
3.1 < VOUT <VCC
Equation A
mA
VOUT = 3.1V
-142
µA
IOL(AC)
Switching
Current Low
(Test Point)
VOUT >2.2V
95
mA
2.2 > V
OUT >0
V
OUT/0.023
mA
0.1 > V
OUT > 0
Equation B
mA
VOUT =0.71
206
mA
ICL
Low Clamp Current
-5 < VIN ≤ -1
-25+(VIN + 1)/0.015
mA
SLEWR
Output Rise Slew Rate
0.4V to 2.4V load
0.5
3
V/ns
SLEWF
Output Fall Slew Rate
2.4V to 0.4V load
0.5
3
V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com