Electronic Components Datasheet Search
  English  ▼

X  

ATF1504ASL Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATF1504ASL
Description  High performance Complex Programmable Logic Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASL Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATF1504ASL Datasheet HTML 18Page - ATMEL Corporation ATF1504ASL Datasheet HTML 19Page - ATMEL Corporation ATF1504ASL Datasheet HTML 20Page - ATMEL Corporation ATF1504ASL Datasheet HTML 21Page - ATMEL Corporation ATF1504ASL Datasheet HTML 22Page - ATMEL Corporation ATF1504ASL Datasheet HTML 23Page - ATMEL Corporation ATF1504ASL Datasheet HTML 24Page - ATMEL Corporation ATF1504ASL Datasheet HTML 25Page - ATMEL Corporation ATF1504ASL Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
22
ATF1504AS(L)
0950N–PLD–07/02
SUPPLY CURRENT VS. SUPPLY VOLTAGE
(TA =25°C, F = 0)
0
25
50
75
100
125
4.50
4.75
5.00
5.25
5.50
VCC (V)
STANDARD
REDUCED POWER MODE
SUPPLY CURRENT VS. SUPPLY VOLTAGE
LOW-POWER ("L") VERSION
(TA =25°C, F = 0)
0
10
20
30
4.50
4.75
5.00
5.25
5.50
VCC (V)
SUPPLY CURRENT VS. FREQUENCY
STANDARD POWER (TA =25°C)
0.0
50.0
100.0
150.0
200.0
0.00
20.00
40.00
60.00
80.00
100.00
FREQUENCY (MHz)
STANDARD POWER
REDUCED POWER MODE
OUTPUT SOURCE CURRENT VS. SUPPLY VOLTAGE
(VOH = 2.4V, TA =25°C)
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
4.50
4.75
5.00
5.25
5.50
SUPPLY VOLTAGE (V)
SUPPLY CURRENT VS. SUPPLY VOLTAGE
PIN-CONTROLLED POWER-DOWN MODE
(TA =25°C, F = 0)
700
800
900
1000
1100
4.50
4.75
5.00
5.25
5.50
VCC (V)
STANDARD POWER
REDUCED POWER MODE
SUPPLY CURRENT VS. FREQUENCY
LOW-POWER ("L") VERSION
LOW POWER (TA =25°C)
0.0
25.0
50.0
75.0
100.0
125.0
0.00
5.00
10.00
15.00
20.00
25.00
FREQUENCY (MHz)
STANDARD POWER
REDUCED POWER MODE
OUTPUT SOURCE CURRENT VS. OUTPUT VOLTAGE
(VCC =5V, TA =25°C)
-100.0
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
OUTPUT VOLTAGE (V)
INPUT CLAMP CURRENT VS. INPUT VOLTAGE
(VCC =5V, TA =25°C)
-60
-50
-40
-30
-20
-10
0
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
INPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com