Electronic Components Datasheet Search
  English  ▼

X  

ATF1504ASL Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATF1504ASL
Description  High performance Complex Programmable Logic Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASL Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATF1504ASL Datasheet HTML 25Page - ATMEL Corporation ATF1504ASL Datasheet HTML 26Page - ATMEL Corporation ATF1504ASL Datasheet HTML 27Page - ATMEL Corporation ATF1504ASL Datasheet HTML 28Page - ATMEL Corporation ATF1504ASL Datasheet HTML 29Page - ATMEL Corporation ATF1504ASL Datasheet HTML 30Page - ATMEL Corporation ATF1504ASL Datasheet HTML 31Page - ATMEL Corporation ATF1504ASL Datasheet HTML 32Page - ATMEL Corporation ATF1504ASL Datasheet HTML 33Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
29
ATF1504AS(L)
0950N–PLD–07/02
68J – PLCC
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
68J, 68-lead, Plastic J-leaded Chip Carrier (PLCC)
B
68J
10/04/01
1.14(0.045) X 45˚
PIN NO. 1
IDENTIFIER
1.14(0.045) X 45˚
0.51(0.020)MAX
0.318(0.0125)
0.191(0.0075)
A2
45˚ MAX (3X)
A
A1
B1
D2/E2
B
e
E1
E
D1
D
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes:
1. This package conforms to JEDEC reference MS-018, Variation AE.
2. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is .010"(0.254 mm) per side. Dimension D1
and E1 include mold mismatch and are measured at the extreme
material condition at the upper or lower parting line.
3. Lead coplanarity is 0.004" (0.102 mm) maximum.
A
4.191
–
4.572
A1
2.286
–
3.048
A2
0.508
––
D
25.019
–
25.273
D1
24.130
–
24.333
Note 2
E
25.019
–
25.273
E1
24.130
–
24.333
Note 2
D2/E2
22.606
–
23.622
B
0.660
–
0.813
B1
0.330
–
0.533
e
1.270 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com