Electronic Components Datasheet Search
  English  ▼

X  

COP682C Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP682C
Description  Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP682C Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button COP682C Datasheet HTML 19Page - National Semiconductor (TI) COP682C Datasheet HTML 20Page - National Semiconductor (TI) COP682C Datasheet HTML 21Page - National Semiconductor (TI) COP682C Datasheet HTML 22Page - National Semiconductor (TI) COP682C Datasheet HTML 23Page - National Semiconductor (TI) COP682C Datasheet HTML 24Page - National Semiconductor (TI) COP682C Datasheet HTML 25Page - National Semiconductor (TI) COP682C Datasheet HTML 26Page - National Semiconductor (TI) COP682C Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Development Support (Continued)
iceMASTER DEBUG MODULE (DM)
The iceMASTER Debug Module is a PC based combination
in-circuit emulation tool and COP8 based OTPEPROM pro-
gramming tool developed and marketed by MetaLink Corpo-
ration to support the whole COP8 family of products Nation-
al is a resale vendor for these products
See
Figure 13 for configuration
The iceMASTER Debug Module is a moderate cost devel-
opment tool It has the capability of in-circuit emulation for a
specific COP8 microcontroller and in addition serves as a
programming tool for COP8 OTP and EPROM product fami-
lies Summary of features is as follows
 Real-time in-circuit emulation full operating voltage
range operation full DC-10 MHz clock
 All processor IO pins can be cabled to an application
development board with package compatible cable to
socket and surface mount assembly
 Full 32 kbyte of loadable programming space that over-
lays (replaces) the on-chip ROM or EPROM On-chip
RAM and IO blocks are used directly or recreated as
necessary
 100 frames of synchronous trace memory The display
can be HLL source (C source) assembly or mixed The
most recent history prior to a break is available in the
trace memory
 Configured break points uses INTR instruction which is
modestly intrusive
 Softwareonly supported features are selectable
 Tool set integrated interactive symbolic debuggersup-
ports both assembler (COFF) and C Compiler (COD)
SDK linked object formats
 Instruction by instruction memoryregister changes dis-
played when in single step operation
 Debugger software is processor customized and recon-
figured from a master model file
 Processor specific symbolic display of registers and bit
level assignments configured from master model file
 HaltIdle mode notification
 Programming menu supports full product line of program-
mable OTP and EPROM COP8 products Program data
is taken directly from the overlay RAM
 Programming of 44 PLCC and 68 PLCC parts requires
external programming adapters
 Includes wallmount power supply
 On-board VPP generator from 5V input or connection to
external supply supported Rquires VPP level adjustment
per the family programming specification (correct level is
provided on an on-screen pop-down display)
 On-line HELP customized to specific processor using
master model file
 Includes a copy of COP8-DEV-IBMA assembler and link-
er SDK
DM Order Information
Debug Model Unit
COP8-DM880C
Cable Adapters
DM-COP820D
20 DIP
DM-COP828D
28 DIP
DM-COP840D
40 DIP
DM-COP844P
44 PLCC
DIP to SO Adapters
DM-COP820D-SO
20 SO
DM-COP828D-SO
28 SO
TLDD10802 – 25
FIGURE 13 COP8-DM Environment
http
www nationalcom
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com