Electronic Components Datasheet Search
  English  ▼

X  

COP682C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP682C
Description  Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP682C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP682C Datasheet HTML 1Page - National Semiconductor (TI) COP682C Datasheet HTML 2Page - National Semiconductor (TI) COP682C Datasheet HTML 3Page - National Semiconductor (TI) COP682C Datasheet HTML 4Page - National Semiconductor (TI) COP682C Datasheet HTML 5Page - National Semiconductor (TI) COP682C Datasheet HTML 6Page - National Semiconductor (TI) COP682C Datasheet HTML 7Page - National Semiconductor (TI) COP682C Datasheet HTML 8Page - National Semiconductor (TI) COP682C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TLDD10802
August 1996
COP680CCOP681CCOP682CCOP880CCOP881C
COP882CCOP980CCOP981CCOP982C
Microcontrollers
General Description
The COP680CCOP681CCOP682CCOP880CCOP881C
COP882CCOP980CCOP981C and COP982C are mem-
bers of the COPSTM microcontroller family They are fully
static parts
fabricated using double-metal silicon gate
microCMOS technology This low cost microcontroller is a
complete microcomputer containing all system timing inter-
rupt logic ROM RAM and IO necessary to implement
dedicated control functions in a variety of applications Fea-
tures include an 8-bit memory mapped architecture MI-
CROWIREPLUSTM serial IO a 16-bit timercounter with
capture register and a multi-sourced interrupt Each IO pin
has software selectable options to adapt the device to the
specific application The part operates over a voltage range
of 25 to 60V High throughput is achieved with an efficient
regular instruction set operating at a 1 microsecond per in-
struction rate
Key Features
Y
16-bit multi-function timer supporting
PWM mode
External event counter mode
Input capture mode
Y
4 kbytes of ROM
Y
128 bytes of RAM
IO Features
Y
Memory mapped IO
Y
Software selectable IO options (TRI-STATE
Push-
Pull Weak Pull-Up Input High Impedance Input)
Y
High current outputs (8 pins)
Y
Schmitt trigger inputs on Port G
Y
MICROWIRE PLUS serial IO
Y
Packages
20 DIPSO with 16 IO pins
28 DIPSO with 24 IO pins
40 DIP 36 IO pins
44 PLCC 36 IO pins
CPUInstruction Set Features
Y
1 ms instruction cycle time
Y
Three multi-source interrupts servicing
External interrupt with selectable edge
Timer interrupt
Software interrupt
Y
Versatile and easy to use instruction set
Y
8-bit Stack Pointer (SP)stack in RAM
Y
Two 8-bit Register Indirect Data Memory Pointers
(B and X)
Fully Static CMOS
Y
Low current drain (typically k 1 mA)
Y
Single supply operation 25V to 60V
Y
Temperature ranges 0 Cto70 C b40 Cto a85 C
b
55 Cto a125 C
Development Support
Y
Emulation and OTP devices
Y
Real time emulation and full program debug offered by
MetaLink’s development system
TRI-STATE
is a registered trademark of National Semiconductor Corporation
COPSTM HPCTM MICROWIRETM and MICROWIREPLUSTM are trademarks of National Semiconductor Corporation
iceMASTERTM is a trademark of MetaLink Corporation
PC-XT
and PC-AT
are registered trademarks of International Business Machines Corporation
C1996 National Semiconductor Corporation
RRD-B30M106Printed in U S A
http
www nationalcom


Similar Part No. - COP682C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP680C-XXX/N NSC-COP680C-XXX/N Datasheet
500Kb / 31P
COP880C Microcontroller
COP680C-XXX/V NSC-COP680C-XXX/V Datasheet
500Kb / 31P
COP880C Microcontroller
COP684BC NSC-COP684BC Datasheet
688Kb / 57P
8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP684CL-XXX/WM NSC-COP684CL-XXX/WM Datasheet
445Kb / 40P
General Description
COP684CS NSC-COP684CS Datasheet
598Kb / 53P
8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
More results

Similar Description - COP682C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com