Electronic Components Datasheet Search
  English  ▼

X  

COP682C Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP682C
Description  Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP682C Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button COP682C Datasheet HTML 20Page - National Semiconductor (TI) COP682C Datasheet HTML 21Page - National Semiconductor (TI) COP682C Datasheet HTML 22Page - National Semiconductor (TI) COP682C Datasheet HTML 23Page - National Semiconductor (TI) COP682C Datasheet HTML 24Page - National Semiconductor (TI) COP682C Datasheet HTML 25Page - National Semiconductor (TI) COP682C Datasheet HTML 26Page - National Semiconductor (TI) COP682C Datasheet HTML 27Page - National Semiconductor (TI) COP682C Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Development Support (Continued)
iceMASTER EVALUATION PROGRAMMING UNIT (EPU)
The iceMASTER EPU-COP880C is a PC based in-circuit
simulation tool to support the feature family COP8 products
See
Figure 14 for configuration
The simulation capability is a very low cost means of evalu-
ating the general COP8 architecture In addition the EPU
has programming capability with added adapters for pro-
gramming the whole COP8 product family of OTP and
EPROM products The product includes the following fea-
tures
 Non-real-time in-circuit simulation
Program overlay
memory is PC resident instructions are downloaded over
RS-232 as executed
Approximate performance is
20 kHz
 Includes a 40 pin DIP cable adapter Other target pack-
ages are not supported All processor IO pins are ca-
bled to the application development environment
 Full 32 kbyte of loadable programmable space that over-
lays (replaces) the on-chip ROM or EPROM On-chip
RAM and IO blocks are used directly or recreated as
necessary
 On-chip timer and WATCHDOG execution are not well
synchronized to the instruction simulation
 100 frames of synchronous trace memory The display
can be HLL source (eg C source) assembly or mixed
The most recent history prior to a break is available in the
trace memory
 Up to eight software configured break points uses INTR
instruction which is modestly intrusive
 Common look-feel debugger software across all Meta-
Link productsonly supported features are selectable
 Tool set integrated interactive symbolic debuggersup-
ports both assembler (COFF) and C Compiler (COD)
SDK linked object formats
 Instruction by instruction memoryregister changes dis-
played when in single step operation
 Processor specific symbolic display of registers and bit
level assignments configured from master model file
 HaltIdle mode notification Restart requires special han-
dling
 Programming menu supports full product line of program-
mable OTP and EPROM COP8 products Only a 40 ZIF
socket is available on the EPU unit Adapters are avail-
able for other part package configurations
 Integral wall mount power supply provides 5V and devel-
ops the required VPP to program parts
 Includes a copy of COP8-DEV-IBMA assembler linker
SDK
EPU Order Information
Evaluation Programming Unit
EPU-COP880C
Evaluation Programming Unit
with debugger and programmer
control software with 40 ZIF
programming socket
General Programming Adapters
COP8-PGMA-DS
28 and 20 DIP and SOIC adapter
COP8-PGMA-DS44P
28 and 20 DIP and SOIC plus 44
PLCC adapter
TLDD10802 – 26
FIGURE 14 EPU-COP8 Tool Environment
http
www nationalcom
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com