Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM2885
Description  6500VRMS Isolated RS485/RS422 關Module Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2885 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM2885 Datasheet HTML 5Page - Linear Technology LTM2885 Datasheet HTML 6Page - Linear Technology LTM2885 Datasheet HTML 7Page - Linear Technology LTM2885 Datasheet HTML 8Page - Linear Technology LTM2885 Datasheet HTML 9Page - Linear Technology LTM2885 Datasheet HTML 10Page - Linear Technology LTM2885 Datasheet HTML 11Page - Linear Technology LTM2885 Datasheet HTML 12Page - Linear Technology LTM2885 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LTM2885
9
2885fa
For more information www.linear.com/LTM2885
LOGIC SIDE
TE (Pin A1): Terminator Enable. A logic high enables a
termination resistor (typically 120Ω) between pins A
and B. Do not float.
DI (Pin A2): Driver Input. If the driver outputs are enabled
(DE high), then a low on DI forces the driver noninverting
output (Y) low and the inverting output (Z) high. A high
on DI, with the driver outputs enabled, forces the driver
noninverting output (Y) high and inverting output (Z) low.
Do not float.
DE (Pin A3): Driver Enable. A logic low disables the driver
leaving the outputs Y and Z in a high impedance state. A
logic high enables the driver. Do not float.
RE (Pin A4): Receiver Enable. A logic low enables the
receiver output. A logic high disables RO to a high imped-
ance state. Do not float.
RO (Pin A5): Receiver Output. If the receiver output is
enabled (RE low) and if A – B is > 200mV, RO is a logic
high, if A – B is < 200mV RO is a logic low. If the receiver
inputs are open, shorted, or terminated without a valid
signal for more than approximately 3μs, RO is a logic
high. Under the condition of an isolation communication
failure RO is in a high impedance state.
VL (Pin A6): Logic Supply. Interface supply voltage for
pins RO, RE, TE, DI, DE, DOUT, and ON. Recommended
operating voltage is 1.62V to 5.5V. Internally bypassed
to GND with 2.2µF.
ON (Pin A7): Enable. Enables power and data communica-
tion through the isolation barrier. If ON is high the part is
enabled and power and communications are functional to
the isolated side. If ON is low the logic side is held in reset
and the isolated side is unpowered. Do not float.
DOUT (Pin B1): General Purpose Logic Output. Logic
output connected through isolation path to DIN. Under
the condition of an isolation communication failure DOUT
is in a high impedance state.
PIN FUNCTIONS
GND (Pins B2-B5): Circuit Ground.
VCC(PinsB6-B7):SupplyVoltage.Recommendedoperat-
ing voltage is 4.5V to 5.5V. Internally bypassed to GND
with 2.2µF.
NC (Pins C1-C7): No Connect. Pins with no internal
connection.
ISOLATED SIDE
NC(PinsR1-R7):NoConnect.Pinswithnointernalconnection.
DIN (Pin S1): General Purpose Isolated Logic Input. Logic
input on the isolated side relative to VCC2 and GND2. A
logic high on DINwillgeneratealogichighonDOUT.Alogic
low on DIN will generate a logic low on DOUT. Do not float.
GND2 (Pins S2-S7): Isolated Side Circuit Ground. The
pads should be connected to the isolated ground and/or
cable shield.
SLO (Pin T1): Driver Slew Rate Control. A low input, rela-
tive to GND2, will force the driver into a reduced slew rate
mode for reduced EMI. A high input, relative to GND2, puts
the driver into full speed mode to support maximum data
rates. Do not float.
Y (Pin T2): Noninverting Driver Output. High impedance
when the driver is disabled.
Z (Pin T3): Inverting Driver Output. High impedance when
the driver is disabled.
B (Pin T4): Inverting Receiver Input. Impedance is > 96kΩ
in all modes, powered and unpowered.
A (Pin T5): Noninverting Receiver Input. Impedance is
> 96kΩ in all modes, powered and unpowered.
VCC2 (Pins T6-T7): Isolated Supply Voltage. Internally
generated from VCC by an isolated DC/DC converter and
regulated to 5V. Internally bypassed to GND2 with 2.2µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com