Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM2885
Description  6500VRMS Isolated RS485/RS422 關Module Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2885 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM2885 Datasheet HTML 8Page - Linear Technology LTM2885 Datasheet HTML 9Page - Linear Technology LTM2885 Datasheet HTML 10Page - Linear Technology LTM2885 Datasheet HTML 11Page - Linear Technology LTM2885 Datasheet HTML 12Page - Linear Technology LTM2885 Datasheet HTML 13Page - Linear Technology LTM2885 Datasheet HTML 14Page - Linear Technology LTM2885 Datasheet HTML 15Page - Linear Technology LTM2885 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LTM2885
12
2885fa
For more information www.linear.com/LTM2885
TEST CIRCUITS
A
B
0V OR VCC2
VCC2 OR 0V
RO
RE
CL
RL
VL
OR
GND
2885 F07a
RECEIVER
tZLR
tZHR
tHZR
tLZR
1/2 VL
1/2 VL
1/2 VL
RE
RO
RO
VL
VL
VOL
VOH
0V
0V
0.5V
0.5V
2885 F07b
Figure 7. Receiver Enable/Disable Time Measurements
tRTEN
tRTZ
VL
B
A
IA
TE
2885 F08
RECEIVER
90%
10%
0V
TE
+–
+–
VAB
VB
RTE =
IA
VAB
1/2 VL
RO
IA
Figure 8. Termination Resistance and Timing Measurements
FUNCTIONAL TABLE
LOGIC INPUTS
MODE
A, B
Y, Z
RO
DC/DC
CONVERTER
TERMINATOR
ON
RE
TE
DE
1
0
0
0
Receive
RIN
Hi-Z
Enabled
On
Off
1
0
0
1
Transceive
Driven
1
0
1
0
Receive + Term On
RTE
Hi-Z
On
1
0
1
1
Transceive + Term On
Driven
1
1
0
0
Power On
RIN
Hi-Z
Hi-Z
Off
1
1
0
1
Transmit
Driven
1
1
1
0
Term On
RTE
Hi-Z
On
1
1
1
1
Transmit + Term On
Driven
0
X
X
X
Off
RIN
Hi-Z
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com