Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM2885
Description  6500VRMS Isolated RS485/RS422 關Module Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2885 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM2885 Datasheet HTML 14Page - Linear Technology LTM2885 Datasheet HTML 15Page - Linear Technology LTM2885 Datasheet HTML 16Page - Linear Technology LTM2885 Datasheet HTML 17Page - Linear Technology LTM2885 Datasheet HTML 18Page - Linear Technology LTM2885 Datasheet HTML 19Page - Linear Technology LTM2885 Datasheet HTML 20Page - Linear Technology LTM2885 Datasheet HTML 21Page - Linear Technology LTM2885 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LTM2885
19
2885fa
For more information www.linear.com/LTM2885
TYPICAL APPLICATIONS
Figure 21. Switched 5V Power with Isolated CMOS Logic Connection with Low Voltage Interface
Figure 22. 4-Wire Full-Duplex Self Biasing for Unshielded CAT5 Connection
Figure 19. Isolated System Fault Detection
Figure 20. Full-Duplex RS485 Connection
A
VL
RE
DE
TE
RO
DI
DOUT
DIN
GND
FAULT
VCC
VCC
B
Y
Z
GND2
330k
2885 F19
LTM2885
PWR
A
VL
RE
DE
TE
RO
DI
GND
VCC
VCC
2885 F20
B
Y
Z
PWR
GND2
LTM2885
2885 F21
A
VCC2
RO
VL
TE
RE
DE
DI
DOUT
GND
GND2
VCC
VCC
CMOS INPUT
CMOS OUTPUT
B
Z
1.8V
DIN
PWR
ON
OFF
REGULATED 5V
SWITCHED 5V
IRLML6402
330k
LTM2885
A
VL
RE
DE
RO
DI
GND
VCC
VCC
B
Y
Z
PWR
GND2
LTM2885
Y
VL
RE
RO
DE
DI
GND
VCC
VCCB
2885 F22
Z
A
B
PWR
GND2
BUS INHERITED
LTM2885
10nF
51
51
51
51
10nF
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com