Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM2885
Description  6500VRMS Isolated RS485/RS422 關Module Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2885 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM2885 Datasheet HTML 10Page - Linear Technology LTM2885 Datasheet HTML 11Page - Linear Technology LTM2885 Datasheet HTML 12Page - Linear Technology LTM2885 Datasheet HTML 13Page - Linear Technology LTM2885 Datasheet HTML 14Page - Linear Technology LTM2885 Datasheet HTML 15Page - Linear Technology LTM2885 Datasheet HTML 16Page - Linear Technology LTM2885 Datasheet HTML 17Page - Linear Technology LTM2885 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LTM2885
14
2885fa
For more information www.linear.com/LTM2885
taking the SLO pin low to GND2, where the data rate is
limited to about 250kbps. Slew limiting also mitigates the
adverse effects of imperfect transmission line termination
caused by stubs or mismatched cables.
Figures 9a and 9b show the frequency spectrums of the
LTM2885 driver outputs in normal and SLO mode operat-
ing at 250kbps. SLO mode significantly reduces the high
frequency harmonics.
Receiver and Failsafe
With the receiver enabled, when the absolute value of the
differential voltage between the A and B pins is greater
than 200mV, the state of RO will reflect the polarity of
(A-B). During data communication the receiver detects the
state of the input with symmetric thresholds around 0V.
The symmetric thresholds preserve duty cycle for attenu-
ated signals with slow transition rates on high capacitive
busses, or long cable lengths. The receiver incorporates
a failsafe feature that guarantees the receiver output to
be a logic-high during an idle bus, when the inputs are
shorted, left open or terminated, but not driven for more
than approximately 3μs. The failsafe feature eliminates the
needforsystemlevelintegrationofnetworkpre-biasingby
guaranteeingalogic-highonROundertheconditionsofan
idle bus. Further network biasing constructed to condition
transient noise during an idle state is unnecessary due to
the common mode transient rejection of the LTM2885.
The failsafe detector monitors A and B in parallel with the
receiver and detects the state of the bus when A-B is above
APPLICATIONS INFORMATION
Figure 9a. Frequency Spectrum SLO Mode 125kHz Input
Figure 9b. Normal Mode Frequency Spectrum 125kHz Input
FREQUENCY (MHz)
2885 F09a
12.5
6.25
0
FREQUENCY (MHz)
2885 F09b
12.5
6.25
0
the input failsafe threshold for longer than about 3µs with
a hysteresis of 25mV. This failsafe feature is guaranteed
to work for inputs spanning the entire common mode
range of –7V to 12V.
The receiver output is internally driven high (to VL) or
low (to GND) with no external pull-up needed. When the
receiver is disabled the RO pin becomes Hi-Z with leakage
of less than ±1µA for voltages within the supply range.
Receiver Input Resistance
The receiver input resistance from A or B to GND2 is
greater than 96k permitting up to a total of 256 receivers
per system without exceeding the RS485 receiver loading
specification.HightemperatureH-gradeoperationreduces
the input resistance to 48k permitting 128 receivers on the
bus. The input resistance of the receiver is unaffected by
enabling/disabling the receiver or by powering/unpower-
ing the part. The equivalent input resistance looking into
A and B is shown in Figure 10.
Figure 10. Equivalent Input Resistance into A and B
60Ω
60Ω
A
TE
B
2885 F10
>96k
>96k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com