Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM2885
Description  6500VRMS Isolated RS485/RS422 關Module Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2885 Datasheet(HTML) 1 Page - Linear Technology

  LTM2885 Datasheet HTML 1Page - Linear Technology LTM2885 Datasheet HTML 2Page - Linear Technology LTM2885 Datasheet HTML 3Page - Linear Technology LTM2885 Datasheet HTML 4Page - Linear Technology LTM2885 Datasheet HTML 5Page - Linear Technology LTM2885 Datasheet HTML 6Page - Linear Technology LTM2885 Datasheet HTML 7Page - Linear Technology LTM2885 Datasheet HTML 8Page - Linear Technology LTM2885 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTM2885
1
2885fa
For more information www.linear.com/LTM2885
TYPICAL APPLICATION
DESCRIPTION
6500VRMS Isolated
RS485/RS422 µModule
Transceiver + Power
The LTM®2885 is a complete galvanically isolated
full-duplex RS485/RS422 µModule® (micromodule)
transceiver. No external components are required. A
single supply powers both sides of the interface through
an integrated, isolated, low noise, efficient 5V output
DC/DC converter.
Coupled inductors and an isolation power transformer
provide6500VRMSofisolationbetweenthelinetransceiver
and the logic interface. This device is ideal for systems
wherethegroundloopisbrokenallowingforlargecommon
mode voltage variation. Uninterrupted communication is
guaranteed for common mode transients up to 50kV/μs.
Maximum data rates are 20Mbps or 250kbps in slew
limited mode. Transmit data, DI, and receive data, RO, are
implemented with event driven low jitter processing. The
receiver has a one-eighth unit load supporting up to 256
nodes per bus. A logic supply pin allows easy interfacing
with different logic levels from 1.62V to 5.5V, independent
of the main supply.
Enhanced ESD protection allows this part to withstand up
to ±15kV (human body model) on the transceiver interface
pins to isolated supplies and ±25kV through the isolation
barrier to logic supplies without latch-up or damage.
Isolated Half-Duplex RS485 μModule Transceiver
FEATURES
APPLICATIONS
n
RS485/RS422 Transceiver: 6500VRMS for 1 Minute
n
Reinforced Insulation
n
Isolated DC Power: 5V at 200mA
n
No External Components Required
n
20Mbps or Low EMI 250kbps Data Rate
n
High ESD: ±15kV HBM on Transceiver Interface
n
High Common Mode Transient Immunity: 50kV/μs
n
Integrated Selectable 120Ω Termination
n
Extended Creepage and Clearance ~14.6mm
n
1.62V to 5.5V Logic Supply Pin for Flexible
Digital Interface
n
Maximum Continuous Working Voltage: 690VRMS
n
High Input Impedance Failsafe RS485 Receiver
n
Current Limited Drivers and Thermal Shutdown
n
Compatible with TIA/EIA-485-A and PROFIBUS
n
High Impedance Output During Internal Fault Condition
n
Low Current Shutdown Mode (< 10µA)
n
General Purpose CMOS Isolated Channel
n
22mm × 9mm × 5.16mm Surface Mount BGA Package
n
Isolated RS485/RS422 Interface
n
Industrial Networks
n
Breaking RS485 Ground Loops
n
Isolated PROFIBUS-DP Networks
2885 TA01a
TWISTED-PAIR
CABLE
A
VCC2
5V
OUT
RO
VL
TE
RE
DE
DI
GND
GND2
VCC
5V
LTM2885
B
Y
Z
PWR
LTM2885 Operating Through 100kV/μs CM Transients
L
, LT, LTC, LTM, Linear Technology, the Linear logo and µModule are registered trademarks of
Analog Devices, Inc. All other trademarks are the property of their respective owners.
2885 TA01b
5V/DIV
5V/DIV
20ns/DIV
300V/DIV
DI
MULTIPLE SWEEPS
OF COMMON MODE
TRANSIENTS
RO


Similar Part No. - LTM2885

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM2885 AD-LTM2885 Datasheet
478Kb / 22P
짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTM2885 AD-LTM2885 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
LTM2885 AD-LTM2885 Datasheet
1Mb / 30P
7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
LTM2885 AD-LTM2885 Datasheet
999Kb / 24P
±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
LTM2885 AD-LTM2885 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
More results

Similar Description - LTM2885

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_2 Datasheet
263Kb / 18P
Isolated RS485 Transceiver
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_12 Datasheet
398Kb / 24P
Complete Isolated RS485/RS422 關Module
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
Complete Isolated RS485/RS422 Module Transceiver Power
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
Isolated RS485/RS422 關Module Transceiver Power
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com