Electronic Components Datasheet Search
  English  ▼

X  

LTM2892 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM2892
Description  SPI/Digital or I2C 關Module Isolator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2892 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM2892 Datasheet HTML 9Page - Linear Technology LTM2892 Datasheet HTML 10Page - Linear Technology LTM2892 Datasheet HTML 11Page - Linear Technology LTM2892 Datasheet HTML 12Page - Linear Technology LTM2892 Datasheet HTML 13Page - Linear Technology LTM2892 Datasheet HTML 14Page - Linear Technology LTM2892 Datasheet HTML 15Page - Linear Technology LTM2892 Datasheet HTML 16Page - Linear Technology LTM2892 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LTM2892
13
2892fa
For more information www.linear.com/LTM2892
TesT circuiTs
Figure 1. Logic Timing Measurements
Figure 2. Logic Enable/Disable Time
INx
OUTPUT
CL
tPLH
tPHL
tR
tF
90%
10%
10%
90%
½VL2
½VL1
VL1
VOL
VOH
0V
INx
OUTx
INx
OUTx
CL
2892 F01
tPLH
tPHL
tR
tF
90%
10%
10%
90%
½VL1
½VL2
VL2
VOL
VOH
0V
INx
OUTx
2892 F02
EOUTD
tPZH
tPZL
tPHZ
tPLZ
VOL + 0.5V
VOH – 0.5V
½VL1
VL1
VOH
VOL
0V
0V
VL1
OUTD
OUTD
EOUTD
½VL1
½VL1
OUTD
VL1 OR 0V
IND
CL
RL
EOUTA
tPZH
tPZL
tPHZ
tPLZ
VOL + 0.5V
VOH – 0.5V
½VL2
VL2
VOH
VOL
0V
0V
VL2
OUTA
OUTA
EOUTA
½VL2
½VL2
INA
VL2 OR 0V
OUTA
CL
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com