Electronic Components Datasheet Search
  English  ▼

X  

LTM2892 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM2892
Description  SPI/Digital or I2C 關Module Isolator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2892 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM2892 Datasheet HTML 18Page - Linear Technology LTM2892 Datasheet HTML 19Page - Linear Technology LTM2892 Datasheet HTML 20Page - Linear Technology LTM2892 Datasheet HTML 21Page - Linear Technology LTM2892 Datasheet HTML 22Page - Linear Technology LTM2892 Datasheet HTML 23Page - Linear Technology LTM2892 Datasheet HTML 24Page - Linear Technology LTM2892 Datasheet HTML 25Page - Linear Technology LTM2892 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LTM2892
22
2892fa
For more information www.linear.com/LTM2892
Thelogicsidebidirectionalserialdatapin,SDA1,requiresa
pull-upresistororcurrentsourceconnectedtoVL1.Follow
the requirements in Figures 12 and 13 for the appropriate
pull-up resistor on SDA1 that satisfies the desired rise
time specifications and VOL maximum limits for fast and
standard modes. The resistance curves represent the
maximum resistance boundary; any value may be used
to the left of the appropriate curve.
The isolated side clock pin, SCLOUT, has a weak push-
pull output driver; do not connect an external pull-up
device. SCLOUT is compatible with I2C devices without
clock stretching. On lightly loaded connections, a 100pF
applicaTions inForMaTion
capacitor from SCLOUT to GND2 or RC lowpass filter (R
= 500Ω, C = 100pF) can be used to decrease the rise and
fall times and minimize noise.
Some consideration must be given to signal coupling
between SCLOUT and SDA2. Separate these signals on a
printedcircuitboardorroutewithgroundbetween.Ifthese
signals are wired off board, twist SCLOUT with VL2 and/
or GND2 and SDA2 with GND2 and/or VL2; do not twist
SCLOUT and SDA2 together. If coupling between SCLOUT
andSDA2isunavoidable,placetheaforementionedRCfilter
at the SCLOUT pin to reduce noise injection onto SDA2.
Figure 12. Maximum Standard Speed Pull-Up
Resistance on SDA1
Figure 13. Maximum Fast Speed Pull-Up Resistance on SDA1
CBUS (pF)
10
30
25
15
10
20
5
0
100
2892 F12
1000
VL1 = 3.0V
VL1 = 3.3V
VL1 = 3.6V
VL1 = 4.5V TO 5.5V
CBUS (pF)
10
10
9
7
6
8
5
3
2
4
1
0
100
2892 F13
1000
VL1 = 3.0V
VL1 = 3.3V
VL1 = 3.6V
VL1 = 4.5V TO 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com