Electronic Components Datasheet Search
  English  ▼

X  

LTM2892 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM2892
Description  SPI/Digital or I2C 關Module Isolator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2892 Datasheet(HTML) 2 Page - Linear Technology

  LTM2892 Datasheet HTML 1Page - Linear Technology LTM2892 Datasheet HTML 2Page - Linear Technology LTM2892 Datasheet HTML 3Page - Linear Technology LTM2892 Datasheet HTML 4Page - Linear Technology LTM2892 Datasheet HTML 5Page - Linear Technology LTM2892 Datasheet HTML 6Page - Linear Technology LTM2892 Datasheet HTML 7Page - Linear Technology LTM2892 Datasheet HTML 8Page - Linear Technology LTM2892 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTM2892
2
2892fa
For more information www.linear.com/LTM2892
absoluTe MaxiMuM raTings
VCC1 to GND1............................................... –0.3V to 6V
VL1 to GND1................................................. –0.3V to 6V
VCC2 to GND2............................................... –0.3V to 6V
VL2 to GND2................................................. –0.3V to 6V
Logic Inputs
INA, INB, INC, SCLIN, SDA1, EOUTD,
ON1 to GND1 ............................ –0.3V to (VL1 + 0.3V)
INB, INC, IND, INE, INF, SDA2, EOUTA,
ON2 to GND2 ............................–0.3V to (VL2 + 0.3V)
(Note 1)
LTM2892-I
LTM2892-S
BGA PACKAGE
24-PIN (9mm
× 6.25mm × 2.91mm)
TOP VIEW
OUTB SDA1 OUTC
SCLIN SDA1
INA
ON1
VL1
VCC1
GND1
INB
SDA2
SDA2
INC
SCLOUT
OUTA
ON2
VL2
VCC2
GND2
F
G
H
J
E
A
B
C
D
5
6
3
4
2
1
TJMAX = 125°C, θJA = 30°C/W, θJC(bottom) = 15.7°C/W,
θJC(top) = 25°C/W, θJB = 14.5°C/W
θ VALUES DETERMINED PER JESD 51-9, WEIGHT = 0.3g
BGA PACKAGE
24-PIN (9mm
× 6.25mm × 2.91mm)
TOP VIEW
OUTD OUTE OUTF EOUTD
INA
INB
INC
ON1
VL1
VCC1
GND1
IND
INE
OUTB
INF
OUTA
OUTC EOUTA
ON2
VL2
VCC2
GND2
F
G
H
J
E
A
B
C
D
5
6
3
4
2
1
TJMAX = 125°C, θJA = 30°C/W, θJC(bottom) = 15.7°C/W,
θJC(top) = 25°C/W, θJB = 14.5°C/W
θ VALUES DETERMINED PER JESD 51-9, WEIGHT = 0.3g
pin conFiguraTion
Logic Outputs
OUTB, OUTC, OUTD, OUTE,
OUTF to GND1 ......................... – 0.3V to (VL1 + 0.3V)
OUTA, OUTB, OUTC,
SCLOUT to GND2.....................– 0.3V to (VL2 + 0.3V)
Operating Temperature Range (Note 4)
LTM2892C ............................................... 0°C to 70°C
LTM2892I ............................................–40°C to 85°C
LTM2892H......................................... –40°C to 125°C
Maximum Internal Operating Temperature............ 125°C
Storage Temperature Range .................. –55°C to 150°C
Peak Body Reflow Temperature ............................260°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com