Electronic Components Datasheet Search
  English  ▼

X  

LTM2892 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM2892
Description  SPI/Digital or I2C 關Module Isolator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2892 Datasheet(HTML) 3 Page - Linear Technology

  LTM2892 Datasheet HTML 1Page - Linear Technology LTM2892 Datasheet HTML 2Page - Linear Technology LTM2892 Datasheet HTML 3Page - Linear Technology LTM2892 Datasheet HTML 4Page - Linear Technology LTM2892 Datasheet HTML 5Page - Linear Technology LTM2892 Datasheet HTML 6Page - Linear Technology LTM2892 Datasheet HTML 7Page - Linear Technology LTM2892 Datasheet HTML 8Page - Linear Technology LTM2892 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LTM2892
3
2892fa
For more information www.linear.com/LTM2892
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC1 = 5V, VCC2 = 5V, VL1 = 3.3V, VL2 = 3.3V, GND1 = GND2 = 0V,
ON1 = VL1, and ON2 = VL2 unless otherwise noted. Specifications apply to all options unless otherwise noted.
orDer inForMaTion
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supplies
VCC1, VCC2 Input Supply Range
l
3
5.5
V
VL1, VL2
Logic Supply Range
LTM2892-S
LTM2892-I
l
l
1.62
3
5.5
5.5
V
V
ICC1, ICC2
Input Supply Current
ON1 = ON2 = 0V
ON1 = VL1, ON2 = VL2
l
l
0
3.2
10
4.5
µA
mA
IL1, IL2
Logic Supply Current
ON1 = ON2 = 0V
LTM2892-S, ON1 = VL1, ON2 = VL2
IL1, LTM2892-I, ON1 = VL1, ON2 = VL2
IL2, LTM2892-I, ON1 = VL1, ON2 = VL2
l
l
0
10
10
150
300
µA
µA
µA
µA
Logic/SPI
VITH
Input Threshold Voltage
ON1, INx, EOUTD, 1.62V ≤ VL1 < 2.35V
ON1, INx, EOUTD, 2.35V ≤ VL1
ON2, INx, EOUTA, 1.62V ≤ VL2 < 2.35V
ON2, INx, EOUTA, 2.35V ≤ VL2
l
l
l
l
0.25•VL1
0.33•VL1
0.25•VL2
0.33•VL2
0.75•VL1
0.67•VL1
0.75•VL2
0.67•VL2
V
V
V
V
IINL
Input Current
l
±1
µA
VHYS
Input Hysteresis
(Note 2)
150
mV
VOH
Output High Voltage
OUTx, ILOAD = –1mA, 1.62V ≤ VL1 < 3V
OUTx, ILOAD = –4mA, 3V ≤ VL1 ≤ 5.5V
OUTB (LTM2892-I), ILOAD = –2mA, 3V ≤ VL1 ≤ 5.5V
l
VL1 – 0.4
V
OUTx, ILOAD = –1mA, 1.62V ≤ VL2 < 3V
OUTx, ILOAD = –4mA, 3V ≤ VL2 ≤ 5.5V
l
VL2 – 0.4
V
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM2892CY-I#PBF
LTM2892CY-I#PBF
LTM2892Y-I
24-Lead (9mm × 6.25mm × 2.91mm) BGA
0°C to 70°C
LTM2892IY-I#PBF
LTM2892IY-I#PBF
LTM2892Y-I
24-Lead (9mm × 6.25mm × 2.91mm) BGA
–40°C to 85°C
LTM2892HY-I#PBF
LTM2892HY-I#PBF
LTM2892Y-I
24-Lead (9mm × 6.25mm × 2.91mm) BGA
–40°C to 125°C
LTM2892CY-S#PBF
LTM2892CY-S#PBF
LTM2892Y-S
24-Lead (9mm × 6.25mm × 2.91mm) BGA
0°C to 70°C
LTM2892IY-S#PBF
LTM2892IY-S#PBF
LTM2892Y-S
24-Lead (9mm × 6.25mm × 2.91mm) BGA
–40°C to 85°C
LTM2892HY-S#PBF
LTM2892HY-S#PBF
LTM2892Y-S
24-Lead (9mm × 6.25mm × 2.91mm) BGA
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
This product is moisture sensitive. For more information go to: http://www.linear.com/packaging/
http://www.linear.com/product/LTM2892#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com