Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM2987
Description  16-Channel Power Supply System Featuring the LTM2987 Power System Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2987 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM2987 Datasheet HTML 2Page - Linear Technology LTM2987 Datasheet HTML 3Page - Linear Technology LTM2987 Datasheet HTML 4Page - Linear Technology LTM2987 Datasheet HTML 5Page - Linear Technology LTM2987 Datasheet HTML 6Page - Linear Technology LTM2987 Datasheet HTML 7Page - Linear Technology LTM2987 Datasheet HTML 8Page - Linear Technology LTM2987 Datasheet HTML 9Page - Linear Technology LTM2987 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
dc2023afa
DEMO MANUAL DC2023A
Margin All Rails
The LTM2987 power manager on the DC2023A not only
monitors each of the sixteen outputs but can margin the
outputs either high or low. Margining is the operation
that moves a rail either up or down for testing purposes.
It allows a system to be fully characterized over supply
limits without the use of external hardware or resources.
The GUI provides an easy way to margin all rails high
or all low by clicking one of four buttons. To invoke the
margining dialog, click the GroupOp icon in the toolbar.
The buttons labeled “ignore faults” will margin
without creating a fault even if the fault limits
are exceeded.
common Demo BoarD operations
A look at the telemetry window shows the effect of the
marginhighormarginlowoperation.Thefollowingscreen
shot shows all rails going from nominal set points to
margin high, margin low, and back to nominal voltages.
Each LTC2977 inside the module has a multiplexed ADC
that is used to provide voltage, current, and temperature
readback values. The telemetry plot in the GUI is similar to
amulti-channeloscilloscopewhichiscapableofdisplaying
any parameter that is displayed in the telemetry window.
Due to the nature of a multiplexed ADC converter, it has
an associated ADC loop time. The total ADC loop time
(~100ms to 160ms) for a given channel is dependent on
the device’s configuration. Refer to the LTM2987 data
sheet for complete ADC timing specifications.
Creating a Fault
There is a pushbutton on the DC2023A board that is used
toforceafaultanddemonstratethedemoboard’sabilityto
detectitandrespondaccordingtotheconfiguration.When
depressed, the pushbutton creates a fault on channel 10,
the 2.5V output (GUI channel U1:2). The user should see
alloutputspoweroff,thefaultLEDmomentarilyilluminate,
thealertLEDilluminatecontinuously,andallrailssequence
back on after a retry period. The user may also short any
power supply output indefinitely. This
is a good way to induce UV faults and
shows that a shorted channel will not be
damaged. Use a jumper wire or a coin
to short any output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com