Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM2987
Description  16-Channel Power Supply System Featuring the LTM2987 Power System Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2987 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM2987 Datasheet HTML 4Page - Linear Technology LTM2987 Datasheet HTML 5Page - Linear Technology LTM2987 Datasheet HTML 6Page - Linear Technology LTM2987 Datasheet HTML 7Page - Linear Technology LTM2987 Datasheet HTML 8Page - Linear Technology LTM2987 Datasheet HTML 9Page - Linear Technology LTM2987 Datasheet HTML 10Page - Linear Technology LTM2987 Datasheet HTML 11Page - Linear Technology LTM2987 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
dc2023afa
DEMO MANUAL DC2023A
Sequencing Output Channels
The LTM2987 has been pre-programmed to different
TON_DELAY values for each channel. The TON_DELAY
parameterisappliedtoeachdevicerelativetoitsrespective
CONTROL pin. When multiple demo boards are connected
together, all CONTROL pins are wire OR’d. Therefore the
TON delays are enforced relative to one edge. The same
applies to TOFF_DELAY values. When the CONTROL
switch is set to the OFF position, all rails will power down
sequentially based on each of the device’s TOFF_DELAY
values. Figure 6 shows an oscilloscope screen capture of
common Demo BoarD operations
Figure 6. Sequencing Output Channels with DC2023A Using TON_DELAY and TOFF_DELAY
Figure 8. TOFF_DELAY Configuration
Figure 7. TON_DELAY Configuration
three output rails sequencing up and down in response
to the CONTROL pin.
Each channel has an LED which visually indicates if the
channel has power. When the CONTROL pin is switched
on and off, you will observe the relative on/off timing of
the 16 channels.
For the LTM2987, the TON_DELAY and TOFF_DELAY
values extend to 13.1 seconds, providing very long on
and off sequencing of power supply rails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com