Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM2987
Description  16-Channel Power Supply System Featuring the LTM2987 Power System Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2987 Datasheet(HTML) 5 Page - Linear Technology

  LTM2987 Datasheet HTML 1Page - Linear Technology LTM2987 Datasheet HTML 2Page - Linear Technology LTM2987 Datasheet HTML 3Page - Linear Technology LTM2987 Datasheet HTML 4Page - Linear Technology LTM2987 Datasheet HTML 5Page - Linear Technology LTM2987 Datasheet HTML 6Page - Linear Technology LTM2987 Datasheet HTML 7Page - Linear Technology LTM2987 Datasheet HTML 8Page - Linear Technology LTM2987 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
dc2023afa
DEMO MANUAL DC2023A
Quick start proceDure
b. A green message box will be displayed for a few
seconds in the lower left hand corner confirming
that the DC2023A is communicating:
c. Save the demo board configuration to a (*.proj) file
by clicking the "Save" icon. This creates a backup
file. Name it whatever you want.
7. The CONTROL switch is configured to control all 16
channels. Slide the switch to RUN to enable, OFF to
disable all channels. For multiple board arrays, the
CONTROL switch is wired to a signal that is common
across all boards. All CONTROL switches must be set
to the RUN position to enable all boards.
Loading a DC2023A Configuration (*.Proj) File with
the GUI
1. In the upper left hand corner of the GUI, File > Open
> browse to your *.proj file. This will load the file into
the GUI.
2. Click on the “Go Online” icon, then click on the
“PC->RAM” arrow. This loads the configuration into
the working RAM of the LTM2987.
3. To store the configuration to NVM (EEPROM), click on
the “RAM->NVM” icon.
Figure 3. DC2023A Top Side Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com