Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM2987
Description  16-Channel Power Supply System Featuring the LTM2987 Power System Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2987 Datasheet(HTML) 1 Page - Linear Technology

  LTM2987 Datasheet HTML 1Page - Linear Technology LTM2987 Datasheet HTML 2Page - Linear Technology LTM2987 Datasheet HTML 3Page - Linear Technology LTM2987 Datasheet HTML 4Page - Linear Technology LTM2987 Datasheet HTML 5Page - Linear Technology LTM2987 Datasheet HTML 6Page - Linear Technology LTM2987 Datasheet HTML 7Page - Linear Technology LTM2987 Datasheet HTML 8Page - Linear Technology LTM2987 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
dc2023afa
DEMO MANUAL DC2023A
Description
16-Channel Power Supply
System Featuring the LTM2987
Power System Manager
TheDC2023AisademonstrationsystemfortheLTM®2987
16-channel I2C/SMBus/PMBus power system manager
with EEPROM. The LTM2987 monitors and controls 16
power supply rails. The DC2023A demonstrates the abil-
ity of the LTM2987 to sequence, trim, margin, supervise,
monitor, and log faults for 16 power supply rails. Each
power supply channel’s output voltage is monitored and
the LTM2987 monitors its own internal die temperature.
The DC2023A is a single circuit board that contains sixteen
independentpowersupplyrails.Theboardemployssixteen
LTC®3405A 300mA switch-mode regulators, which are
configuredtobecontrolledbytheLTM2987.TheLTM2987
is available in a µModule® (micromodule) package and
contains two LTC2977 devices. This board provides a
sophisticated 16-channel digitally programmable power
supply system. The rail voltages are programmable within
the trim range shown in the Performance Summary.
This demonstration system is supported by the
LTpowerPlay™graphicaluserinterface(GUI)thatenables
complete control of all the features of the LTM2987. To-
gether,theLTpowerPlaysoftwareandDC2023Ahardware
system create a powerful development environment for
designing and testing LTM2987 configuration settings.
These settings can be stored in the device’s internal
EEPROM or in a file. This file can later be used to order
pre-programmed devices or to program devices in a
production environment. The software displays all of
the configuration settings and real time measurements
from the LTM2987. Telemetry allows easy access and
decoding of the fault log created by the LTM2987. The
board comes pre-programmed with the EEPROM values
appropriate for the sixteen power supplies used on the
DC2023A. Just plug and play!
Multiple DC2023A board sets can be cascaded together
to form a high channel count power supply (see Multi-
Board Arrays). This cascaded configuration demonstrates
features of the LTM2987 which enable timing and fault
information to be shared across multiple ICs. The user can
L
, LT, LTC, LTM, Linear Technology, the Linear logo and µModule are registered trademarks
and PowerPlay is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
configure up to eight DC2023A boards, thereby control-
ling up to 128 separate power supply rails. Larger arrays
of LTM2987s are supported through programmable I2C
base address or bus segmentation.
The DC2023A demo board can be powered by an external
power supply, such as a +12VDC supply. Communication
with the software is provided through the DC1613 USB-to-
I2C/SMBus/PMBus Controller. The following is a checklist
of items which can be obtained from the LTC website or
LTC Field Sales.
• USB-to-I2C/SMBus/PMBus Controller (DC1613)
• LTpowerPlay Software
DC2023A Features
• Sequence, Trim, Margin, and Supervise Sixteen Power
Supplies
• Manage Faults, Monitor Telemetry, and Create Fault
Logs
• PMBus Compliant Command Set
• Supported by LTpowerPlay GUI
• Margin or Trim Supplies to 0.25% Accuracy
• Fast OV/UV Supervisors Per Channel
• Supports Multi-Channel Fault Management
• Automatic Fault Logging to Internal EEPROM
• Operates Autonomously without Additional Software
• Sixteen OV/UV VOUT and Two VIN Supervisors
• Telemetry Reads Back VIN, VOUT, and Temperature
• 16-Channel Time-Based Output Sequencer
• I2C/SMBus Serial Interface
• IntegratedDecouplingCapacitorsandPull-UpResistors
• Powered from 6V to 14VDC
• Available in 144-Lead 15mm
× 15mm BGA
Design files for this circuit board are available at
http://www.linear.com/demo


Similar Part No. - LTM2987

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM2987 AD-LTM2987 Datasheet
6Mb / 114P
2-Channel 짹60V Power System Manager
LTM2987 AD-LTM2987 Datasheet
1Mb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
More results

Similar Description - LTM2987

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2974 LINER-LTC2974_15 Datasheet
976Kb / 98P
4-Channel PMBus Power System Manager Featuring Accurate Output Current Measurement
LTC2977 LINER-LTC2977_15 Datasheet
1Mb / 94P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2978A LINER-LTC2978A_15 Datasheet
950Kb / 82P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2980 LINER-LTC2980 Datasheet
2Mb / 26P
16-Channel Power Supply System Featuring the LTC2980 Power System Manager
LTC2975 LINER-LTC2975 Datasheet
1Mb / 26P
4-Channel Power Supply System Featuring the Power System Manager with Input Energy Accumulation
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
16-Channel PMBus Low-Voltage Power System Manager
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com