Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM2987
Description  16-Channel Power Supply System Featuring the LTM2987 Power System Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2987 Datasheet(HTML) 3 Page - Linear Technology

  LTM2987 Datasheet HTML 1Page - Linear Technology LTM2987 Datasheet HTML 2Page - Linear Technology LTM2987 Datasheet HTML 3Page - Linear Technology LTM2987 Datasheet HTML 4Page - Linear Technology LTM2987 Datasheet HTML 5Page - Linear Technology LTM2987 Datasheet HTML 6Page - Linear Technology LTM2987 Datasheet HTML 7Page - Linear Technology LTM2987 Datasheet HTML 8Page - Linear Technology LTM2987 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
dc2023afa
DEMO MANUAL DC2023A
ltpowerplay Gui softWare
LTpowerPlay is a powerful Windows-based development
environment that supports Linear Technology Power
System Management ICs with EEPROM, including the
LTM2987 16-channel PMBus Power System Manager.
The software supports a variety of different tasks. You
can use LTpowerPlay to evaluate Linear Technology ICs
by connecting to a demo board system. LTpowerPlay can
also be used in an offline mode (with no hardware pres-
ent) in order to build a multi-chip configuration file that
can be saved and reloaded at a later time. LTpowerPlay
provides unprecedented diagnostic and debug features. It
becomes a valuable diagnostic tool during board bring-up
to program or tweak the power management scheme in
a system or to diagnose power issues when bringing up
rails.LTpowerPlayutilizestheDC1613I2C/SMBus/PMBus
Controller to communicate with one of many potential tar-
gets, including the DC2023A demo system or a customer
board. The software also provides an automatic update
feature to keep the software current with the latest set
of device drivers and documentation. The LTpowerPlay
software can be downloaded from:
http://www.linear.com/ltpowerplay
To access technical support documents for LTC power
system management products visit Help, View Online
Help on the LTpowerPlay menu.
Figure 1. Screen Shot of the LTpowerPlay GUI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com