Electronic Components Datasheet Search
  English  ▼

X  

GP520A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GP520A
Description  Programmable Analog Signal Processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GP520A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GP520A Datasheet HTML 1Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 2Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 3Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 4Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 5Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 6Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 7Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 8Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
510 - 78 - 06
I LP
S1
V
CC
2k2
V
REG
3µ3
I REF
R
R
13
9
22
24
26
27
1
11
16
21
6
GND
I REF
D
OUT
OUT
10K
AGC
RECT.
IN
BUFFER
OUT
BUFFER
IN
+
-
LP
FILTER
LPFB
V
CC
P GND
12
LIN/LOG
CONVERTER
V26
-
+
-
+
V24
S2
S3
+1.3 V
0.6 V
RIN
I LP
C
68n
68n
10n
10n
57
B
B
IN
30
31
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Voltage on Pad 21
V
Q21
-
550
-
mV
Quiescent Voltage on Pad 22
V
Q22
-
650
-
mV
Quiescent Voltage on Pad 24
V
Q24
-
650
-
mV
Quiescent Voltage on Pad 26
V
Q26
-
650
-
mV
Maximum DC Current from Pad 22
I
LP MAX
I
LP
= 0
µA (S1 closed)
-
2.0
-
µA
Minimum DC Current from Pad 22
I
LP MIN
I
LP
=1.875 x I
R
(S1 closed)
-
0.7
-
µA
Output Swing High (Pad 26)
V
OH
V
24
= V
Q24
+ 100mV (S2 closed)(Note 1)
-
100
-
mV
Output Swing Low (Pad 26)
V
OL
V
24
= V
Q24
- 100mV (S2 closed )(Note 1)
-
-100
-
mV
Max Sinking Current from Pad 26
I
SINK
V
24 = 0.4V;
V
26 = VQ26 - 100mV
30
-
-
µA
(S2, S3 closed)
Max Sourcing Current to Pad 26
I
SOURCE
V
24 = 0.8V;
V
26 = VQ26 ± 100mV
-30
-
-
µA
(S2, S3 closed)
Buffer Gain
GAIN
V
26
= V
Q26 ±
100mV
-
0
-
dB
Input Resistance (Pad 21)
R
IN21
I
LP
= I
R
-13
-
k
Ω
NOTE: 1. V
OH
= V
OL
= V
P26
- V
Q26
All switches remain OPEN unless otherwise stated in CONDITIONS column.
LOW PASS FILTER
Fig. 3 Low Pass Filter DC Test Circuit
All resistors in ohms, all capacitors in
farads, unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com