Electronic Components Datasheet Search
  English  ▼

X  

GP520A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GP520A
Description  Programmable Analog Signal Processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GP520A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GP520A Datasheet HTML 1Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 2Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 3Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 4Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 5Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 6Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 7Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 8Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
510 - 78 - 06
680p
V
CC
2k2
2n2
3µ3
PINK
NOISE
GENERATOR
1n5
2n2
10µ
LIN/LOG
CONVERTER
R
2R
HP
FILTER
+
-
PREAMP
+
-
40K
R
IN14
10K
VOLTAGE
REGULATOR
R
R
14
13
918
15
19
22
24
26
5
7
11
21
20
GND
I HP
I LP
D
OUT
IN
BUFFER
OUT
BUFFER
IN
+
-
LP
FILTER
LPFB
HP
HPFB
A
OUT
V
CC
AIN
P GND
12
LIN/LOG
CONVERTER
0.6 V
0.6V
6
I LP
I HP
27
OUT
B
68n
TP
B
10K
68n
10n
10n
1
31
30
I
HP
= 1.875 x
I
R
Fig. 6 Low Pass Filter Corner Frequency vs
I
LP
Current
(Note 1) (Fig.4 Test Circuit)
NOTES: 1. Corner frequency calculated in reference to signal at 3 kHz
10k
1k
100
80
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
NORMALIZED
I
HP / I R CURRENT
Fig. 5 High Pass Filter Corner Frequency vs
I
HP Current
(Note 1) (Fig.4 Test Circuit)
10k
1k
700
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
NORMALIZED
I
HP / I R CURRENT
Fig. 4 AC Test Circuit for High & Low Pass Filters
All resistors in ohms, all capacitors in
farads, unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com